Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2318DS-T1-GE3 Arkusz danych(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Numer części SI2318DS-T1-GE3
Szczegółowy opis  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2318DS-T1-GE3 Arkusz danych(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SI2318DS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
3
4
5
6
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
TC - Case Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2318DS-T1-GE3
5


Podobny numer części - SI2318DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2318DS-T1 VISHAY-SI2318DS-T1 Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
More results

Podobny opis - SI2318DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com