Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2323DS-T1-GE3 Arkusz danych(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Numer części SI2323DS-T1-GE3
Szczegółowy opis  P-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2323DS-T1-GE3 Arkusz danych(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  SI2323DS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 19
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
4
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 0.5
- 2.0
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS - 5 V, VGS = - 10 V
- 2
.5
A
Drain-Source On-State Resistancea
RDS(on)
VGS =- 10 V, ID = - 4.4 A
0.0
46
0.0
VGS =- 6 V, ID = - 4 A
0.0
49
0.05
VGS =- 4.5 V, ID = - 3.6 A
0.0
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 3.4 A
18
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
1295
pF
Output Capacitance
Coss
150
Reverse Transfer Capacitance
Crss
130
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 5.4 A
24
36
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 5.4 A
11.4
17
Gate-Source Charge
Qgs
3.4
Gate-Drain Charge
Qgd
3.8
Gate Resistance
Rg
f = 1 MHz
1.5
7.7
15.4
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 3.5 
ID  - 4.3 A, VGEN = - 10 V, Rg = 1 
13
20
ns
Rise Time
tr
48
Turn-Off Delay Time
td(off)
38
57
Fall Time
tf
612
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 3.5 
ID  - 4.3 A, VGEN = - 4.5 V, Rg = 1 
28
42
Rise Time
tr
16
24
Turn-Off Delay Time
td(off)
30
45
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 2.1
A
Pulse Diode Forward Current (t = 100 µs)
ISM
- 80
Body Diode Voltage
VSD
IS = - 4.3 A, VGS 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 4.3 A, dI/dt = 100 A/µs, TJ = 25 °C
15
23
ns
Body Diode Reverse Recovery Charge
Qrr
714
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7
0
.0
54
55
63
8
V
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2323DS-T1-GE3
2


Podobny numer części - SI2323DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2323DS-T1-GE3 VISHAY-SI2323DS-T1-GE3 Datasheet
197Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
More results

Podobny opis - SI2323DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com