Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2324DS-T1-GE3 Arkusz danych(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Numer części SI2324DS-T1-GE3
Szczegółowy opis  N-Channel 100 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2324DS-T1-GE3 Arkusz danych(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SI2324DS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
0.7
1.4
2.1
2.8
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Foot
0
0.6
1.2
1.8
2.4
3
025
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.2
0.4
0.6
0.8
1.0
0
255075
100
125
150
T
A - Ambient Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2324DS-T1-GE3
5


Podobny numer części - SI2324DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SI2324DS-HF KEXIN-SI2324DS-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
SI2324DS-HF-3 KEXIN-SI2324DS-HF-3 Datasheet
2Mb / 6P
   N-Channel MOSFET
More results

Podobny opis - SI2324DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com