Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2324DS-T1-GE3 Arkusz danych(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Numer części SI2324DS-T1-GE3
Szczegółowy opis  N-Channel 100 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2324DS-T1-GE3 Arkusz danych(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SI2324DS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2324DS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 100 V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
Material categorization:
APPLICATIONS
DC/DC Converters
Load Switch
LED Backlighting in LCD TVs
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 166 °C/W.
MOSFET PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
100
0.
240 at V
GS = 10 V
2.0
2.9 nC
0.
at VGS = 6 V
1.8
0.
at VGS = 4.5 V
1.7
G
S
D
2
3
1
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
2
A
TC = 70 °C
1.8
TA = 25 °C
1.6b, c
TA = 70 °C
1.3b, c
Pulsed Drain Current (t = 300 µs)
IDM
7
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.1
TA = 25 °C
1.0b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Single Pulse Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
2.5
W
TC = 70 °C
1.6
TA = 25 °C
1.25b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
5 s
RthJA
75
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50
250
260
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2324DS-T1-GE3
1


Podobny numer części - SI2324DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SI2324DS-HF KEXIN-SI2324DS-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
SI2324DS-HF-3 KEXIN-SI2324DS-HF-3 Datasheet
2Mb / 6P
   N-Channel MOSFET
More results

Podobny opis - SI2324DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com