Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMAG5124 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TMAG5124
Szczegółowy opis  TMAG5124 Hall Effect Switch With 2-Wire Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5124 Arkusz danych(HTML) 1 Page - Texas Instruments

  TMAG5124 Datasheet HTML 1Page - Texas Instruments TMAG5124 Datasheet HTML 2Page - Texas Instruments TMAG5124 Datasheet HTML 3Page - Texas Instruments TMAG5124 Datasheet HTML 4Page - Texas Instruments TMAG5124 Datasheet HTML 5Page - Texas Instruments TMAG5124 Datasheet HTML 6Page - Texas Instruments TMAG5124 Datasheet HTML 7Page - Texas Instruments TMAG5124 Datasheet HTML 8Page - Texas Instruments TMAG5124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TMAG5124
GND
0.1
F
Vcc
ECU
VCC
GND
TEST
N
S
Distance
Wire
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMAG5124
SLYS016 – JUNE 2020
TMAG5124 Hall Effect Switch With 2-Wire Interface
1
1 Features
1
Hall effect switch with 2-wire interface
Low level current output options:
TMAG5124A: 3.5 mA
Magnetic sensitivity:
TMAG5124A: 4 mT (typical)
Fast sensing bandwidth: 40 kHz
Supports wide voltage range
Operating VCC range: 2.5 V to 38 V
No external regulator required
Wide operating temperature range
Ambient operating temperature range: –40°C
to +125°C
Protection features:
Supports load dump up to 40 V
Reverse polarity protection
SOT-23 package option
2 Applications
Industrial robotics
Factory automation & control
Fluid flow rate measurement
Medical devices
Off-board sensing
3 Description
The TMAG5124 device is a high-precision Hall effect
sensor that offers a 2-wire output interface designed
for industrial designs.
The TMAG5124 integrates a current source output
that switches between two levels depending on the
value of the magnetic field applied to the part. While
the high value is fixed, the low value can be selected
from
two
ranges.
This
output
enables
robust
communication between sensor and controller, helps
detect disconnections, and limits the number of wires
to two. Data can be transmitted over longer distances
through this wire output.
The wide operating voltage range and reverse
polarity protection of the TMAG5124 is designed for a
variety of industrial applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMAG5124
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Schematic


Podobny numer części - TMAG5124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CEDBZRQ1 TI-TMAG5124A1CEDBZRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CQDBZR TI-TMAG5124A1CQDBZR Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
More results

Podobny opis - TMAG5124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMAG5124 TI-TMAG5124_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Infineon Technologies A...
TLE4976-2K INFINEON-TLE4976-2K Datasheet
1Mb / 16P
   Hall Effect Switch with Current Interface
Rev. 1.2, 2010-08-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com