Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UMK316BC7155KLHTE Arkusz danych(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Numer części UMK316BC7155KLHTE
Szczegółowy opis  MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK316BC7155KLHTE Arkusz danych(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UMK316BC7155KLHTE Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMK316BC7155KLHTE Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc UMK316BC7155KLHTE Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
UMK316BC7155KLHTE
Features
Item Summary
1.5uF±10%, 50V,
X7S, 1206/3216 (EIA/JIS)
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Capacitance
1.5 uF ± 10 %
Case Size (EIA/JIS)
1206/3216
Rated Voltage
50 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7S
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS Compliance (10 subst.)
Yes
REACH Compliance (205 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.30 mm
Dimension W
1.6 ±0.30 mm
Dimension T
1.6 ±0.30 mm
Dimension e
0.50 +0.35/-0.25 mm
2020.06.17
1 / 1


Podobny numer części - UMK316BC7155KLHTE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
UMK316BC7155KL8TE TAIYO-YUDEN-UMK316BC7155KL8TE Datasheet
408Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Podobny opis - UMK316BC7155KLHTE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
EMK063B7152KPHFE TAIYO-YUDEN-EMK063B7152KPHFE Datasheet
276Kb / 2P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
EMK063B7222KPHFE TAIYO-YUDEN-EMK063B7222KPHFE Datasheet
417Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
UMK212BC7334KGHTE TAIYO-YUDEN-UMK212BC7334KGHTE Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
LMK107C6225MAHT TAIYO-YUDEN-LMK107C6225MAHT Datasheet
419Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
JMK107AC6475KAHT TAIYO-YUDEN-JMK107AC6475KAHT Datasheet
420Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
JMK107AC6475MAHT TAIYO-YUDEN-JMK107AC6475MAHT Datasheet
420Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
LMK063B7151MPHFE TAIYO-YUDEN-LMK063B7151MPHFE Datasheet
419Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
LMK063B7103MPHFE TAIYO-YUDEN-LMK063B7103MPHFE Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
TMK063B7102KPHFE TAIYO-YUDEN-TMK063B7102KPHFE Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
UMK107B7474MAHTE TAIYO-YUDEN-UMK107B7474MAHTE Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
EMK063B7471KPHFE TAIYO-YUDEN-EMK063B7471KPHFE Datasheet
417Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com