Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EP2AGX45DF25I5 Arkusz danych(PDF) 74 Page - Altera Corporation

Numer części EP2AGX45DF25I5
Szczegółowy opis  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTERA [Altera Corporation]
Strona internetowa  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 Arkusz danych(HTML) 74 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 70Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 71Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 72Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 73Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 74Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 75Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 76Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 77Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 78Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
1–66
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
December 2013
Altera Corporation
Table 1–55 lists DPA lock time specifications for Arria II GX and GZ devices.
tRISE & tFALL
True differential I/O
standards
200—
—200
ps
Emulated differential
I/O standards with
three external output
resistor networks
250—
—300
ps
Emulated differential
I/O standards with
one external output
resistor
500—
—500
ps
TCCS
True LVDS
100
100
ps
Emulated
LVDS_E_3R
250—
—250
ps
Receiver
True differential I/O
standards - fHSDRDPA
(data rate)
SERDES factor
J = 3 to 10
150
1250
150
1250
Mbps
fHSDR (data rate)
SERDES factor
J = 3 to 10
(4)
(6)
(4)
(6)
Mbps
SERDES factor J = 2,
uses DDR registers
(4)
(5)
(4)
(5)
Mbps
SERDES factor J = 1,
uses an SDR register
(4)
(5)
(4)
(5)
Mbps
DPA run length
DPA mode
10000
10000
UI
Soft-CDR PPM
tolerance
Soft-CDR mode
300
300
± PPM
Sampling Window
(SW)
Non-DPA mode
300
300
ps
Notes to Table 1–54:
(1) When J = 3 to 10, use the SERDES block.
(2) When J = 1 or 2, bypass the SERDES block.
(3) Clock Boost Factor (W) is the ratio between input data rate to the input clock rate.
(4) The minimum specification depends on the clock source (for example, the PLL and clock pin) and the clock routing resource (global, regional,
or local) that you use. The I/O differential buffer and input register do not have a minimum toggle rate.
(5) You must calculate the leftover timing margin in the receiver by performing link timing closure analysis. You must consider the board skew
margin, transmitter channel-to-channel skew, and receiver sampling margin to determine leftover timing margin.
(6) You can estimate the achievable maximum data rate for non-DPA mode by performing link timing closure analysis. You must consider the board
skew margin, transmitter delay margin, and the receiver sampling margin to determine the maximum data rate supported.
(7) This is achieved by using the LVDS and DPA clock network.
(8) If the receiver with DPA enabled and transmitter are using shared PLLs, the minimum data rate is 150 Mbps.
(9) This only applies to DPA and soft-CDR modes.
(10) This only applies to LVDS source synchronous mode.
Table 1–54. High-Speed I/O Specifications for Arria II GZ Devices (Note 1), (2), (10) (Part 3 of 3)
Symbol
Conditions
C3, I3
C4, I4
Unit
Min
Typ
Max
Min
Typ
Max


Podobny numer części - EP2AGX45DF25I5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

Podobny opis - EP2AGX45DF25I5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com