Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT374A Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC74VHCT374A
Szczegółowy opis  Octal D-Type Flip-Flop with 3-State Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT374A Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC74VHCT374A Datasheet HTML 1Page - ON Semiconductor MC74VHCT374A Datasheet HTML 2Page - ON Semiconductor MC74VHCT374A Datasheet HTML 3Page - ON Semiconductor MC74VHCT374A Datasheet HTML 4Page - ON Semiconductor MC74VHCT374A Datasheet HTML 5Page - ON Semiconductor MC74VHCT374A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHCT374A
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
Outputs in 3–State
High or Low State
– 0.5 to + 7.0
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
– 20
mA
IOK
Output Diode Current (VOUT < GND; VOUT > VCC)
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 75
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may adversely
affect device reliability. Functional operation under absolute–maximum–rated conditions is not
implied.
†Derating — SOIC Packages: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
Outputs in 3–State
High or Low State
0
0
5.5
VCC
V
TA
Operating Temperature
– 40
+ 85
_C
tr, tf
Input Rise and Fall Time
VCC =5.0V ±0.5V
0
20
ns/V
DC ELECTRICAL CHARACTERISTICS
Sb l
P
T
C
di i
VCC
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
4.5 to
5.5
2.0
2.0
V
VIL
Maximum Low–Level
Input Voltage
4.5 to
5.5
0.8
0.8
V
VOH
Minimum High–Level
Output Voltage
IOH = – 50µA
4.5
4.4
4.5
4.4
V
Output Voltage
Vin = VIH or VIL
IOH = – 8mA
4.5
3.94
3.80
VOL
Maximum Low–Level
Output Voltage
IOL = 50µA
4.5
0.0
0.1
0.1
V
Output Voltage
Vin = VIH or VIL
IOL = 8mA
4.5
0.36
0.44
Iin
Maximum Input
Leakage Current
Vin = 5.5 V or GND
0 to 5.5
± 0.1
± 1.0
µA
IOZ
Maximum 3–State
Leakage Current
Vin = VIL or VIH
Vout = VCC or GND
5.5
± 0.25
± 2.5
µA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
4.0
40.0
µA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Podobny numer części - MC74VHCT374A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
MC74VHCT374ADTR2 ONSEMI-MC74VHCT374ADTR2 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374ADTRG ONSEMI-MC74VHCT374ADTRG Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374ADTRG ONSEMI-MC74VHCT374ADTRG Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
More results

Podobny opis - MC74VHCT374A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com