Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT540AM Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC74VHCT540AM
Szczegółowy opis  Octal Bus Buffer Inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT540AM Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC74VHCT540AM Datasheet HTML 1Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 2Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 3Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 4Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 5Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 6Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 7Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74VHCT540A
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
7
MOTOROLA
OUTLINE DIMENSIONS
M SUFFIX
PLASTIC SOIC EIAJ PACKAGE
CASE 967–01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
–––
2.05
–––
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
12.35
12.80
0.486
0.504
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
–––
0.81
–––
0.032
A1
HE
Q1
LE
_ 10_
0
_ 10_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
HE
A1
LE
Q1
_
c
A
Z
D
E
20
110
11
b
M
0.13 (0.005)
e
0.10 (0.004)
VIEW P
DETAIL P
M
L
A
b
c
D
E
e
L
M
Z


Podobny numer części - MC74VHCT540AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT540AM ONSEMI-MC74VHCT540AM Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
More results

Podobny opis - MC74VHCT540AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74LVX540 ONSEMI-MC74LVX540 Datasheet
104Kb / 8P
   Octal Bus Buffer Inverting
March, 2005 ??Rev. 3
MC74VHC540 ONSEMI-MC74VHC540 Datasheet
206Kb / 8P
   Octal Bus Buffer Inverting
March, 2006 -- Rev. 3
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com