Zakładka z wyszukiwarką danych komponentów |
|
SL12-MH Arkusz danych(PDF) 1 Page - Formosa MS |
|
SL12-MH Arkusz danych(HTML) 1 Page - Formosa MS |
1 / 2 page SL12-MH THRU SL14-MH Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant EpoxyMolding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. Mechanical data Case : Molded plastic, JEDEC SOD-123H Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting Position : Any Weight : 0.0393 gram (V) (V) (V) (V) ( oC) SL12-MH L2 20 14 20 0.38 SL13-MH L3 30 14 20 0.40 SL14-MH L4 40 28 40 0.40 SYMBOLS MARKING CODE -55 to +125 Operating temperature VRRM *1 VRMS *2 VR *3 VF *4 MAXIMUM RATINGS (AT TA=25 oC unless otherwise noted) PARAMETER CONDITIONS Symbol MIN. TYP. MAX. UNIT Forward rectified current See Fig.2 IO 1.0 A Forward surge current 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) IFSM 25 A VR = VRRM TA = 25 oC 1.0 mA VR = VRRM TA = 100 oC 10 mA Thermal resistance Junction to ambient RqJA 42 oC / w Diode junction capacitance f=1MHz and applied 4vDC reverse voltage CJ 130 pF Storage temperature TSTG -55 +150 oC Reverse current IR *1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage Low VF Chip Schottky Barrier Diodes Silicon epitaxial planer type Formosa MS 0.146(3.7) 0.130(3.3) 0.012(0.3) Typ. 0.071(1.8) 0.055(1.4) 0.035(0.9) 0.028(0.7) 0.031(0.8) Typ. Dimensions in inches and (millimeters) SOD-123H 0.031(0.8) Typ. |
Podobny numer części - SL12-MH |
|
Podobny opis - SL12-MH |