Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78PC50NTR Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC78PC50NTR
Szczegółowy opis  Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78PC50NTR Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC78PC50NTR Datasheet HTML 1Page - ON Semiconductor MC78PC50NTR Datasheet HTML 2Page - ON Semiconductor MC78PC50NTR Datasheet HTML 3Page - ON Semiconductor MC78PC50NTR Datasheet HTML 4Page - ON Semiconductor MC78PC50NTR Datasheet HTML 5Page - ON Semiconductor MC78PC50NTR Datasheet HTML 6Page - ON Semiconductor MC78PC50NTR Datasheet HTML 7Page - ON Semiconductor MC78PC50NTR Datasheet HTML 8Page - ON Semiconductor MC78PC50NTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 1999
October, 1999 – Rev. 2
1
Publication Order Number:
MC78PC00/D
MC78PC00 Series
Low Noise 150 mA
Low Drop Out (LDO)
Linear Voltage Regulator
The MC78PC00 are a series of CMOS linear voltage regulators with
high output voltage accuracy, low supply current, low dropout voltage,
and high Ripple Rejection. Each of these voltage regulators consists of
an internal voltage reference, an error amplifier, resistors, a current
limiting circuit and a chip enable circuit.
The dynamic Response to line and load is fast, which makes these
products ideally suited for use in hand–held communication
equipment.
The MC78PC00 series are housed in the SOT–23 5 lead package,
for maximum board space saving.
MC78PC00 Features:
Ultra–Low Supply Current: typical 35 mA in ON mode with no load.
Standby Mode: typical 0.1 mA.
Low Dropout Voltage: typical 0.2 V @ IOUT = 100 mA.
High Ripple Rejection: typical 70 dB @ f = 1 kHz.
Low Temperature–Drift Coefficient of Output Voltage:
typical
±100 ppm/°C.
Excellent Line Regulation: typical 0.05%/V.
High Accuracy Output Voltage: ±2.0%.
Fast Dynamic Response to Line and Load.
Small Package: SOT–23 5 leads.
Built–in Chip Enable circuit (CE input pin).
Identical Pinout to the LP2980/1/2.
MC78PC00 Applications:
Power source for cellular phones (GSM, CDMA, TDMA), Cordless
Phones (PHS, DECT) and 2–way radios.
Power source for domestic appliances such as cameras, VCRs and
camcorders.
Power source for battery–powered equipment.
Block Diagram
1
VIN
5
VOUT
Vref
CE
3
2
GND
CURRENT LIMIT
MC78PCxx
SOT–23–5
N SUFFIX
CASE 1212
http://onsemi.com
VOUT
15
4
2
3
VIN
GND
CE
N/C
(Top View)
PIN CONNECTIONS
Pin #
Symbol
Description
PINS DESCRIPTION
1
2
3
4
5
VIN
GND
CE
N/C
VOUT
Input Pin
Ground Pin
Chip Enable Pin
No Connection
Output Pin
1
2
3
4
Marking
Voltage Version
DEVICE MARKING
K8
G0
G3
J0
1.8 V
3.0 V
3.3 V
5.0 V
Lot Number
1
2
3
4
(4 digits are available for device marking)
F5
2.5 V
F8
2.8 V
Device
Shipping
Package
ORDERING INFORMATION
MC78PC28NTR
3000 Units
Tape & Reel
SOT–23
5 Leads
MC78PC30NTR
MC78PC33NTR
MC78PC50NTR
Other voltages are available. Consult your ON Semiconductor
representative.
MC78PC18NTR
MC78PC25NTR
5
1


Podobny numer części - MC78PC50NTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78PC50NTR ONSEMI-MC78PC50NTR Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC50NTRG ONSEMI-MC78PC50NTRG Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
More results

Podobny opis - MC78PC50NTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com