Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75348 Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC75348
Szczegółowy opis  Single-Chip Electronic Volume and Tone Control System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75348 Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75348 Datasheet HTML 5Page - Sanyo Semicon Device LC75348 Datasheet HTML 6Page - Sanyo Semicon Device LC75348 Datasheet HTML 7Page - Sanyo Semicon Device LC75348 Datasheet HTML 8Page - Sanyo Semicon Device LC75348 Datasheet HTML 9Page - Sanyo Semicon Device LC75348 Datasheet HTML 10Page - Sanyo Semicon Device LC75348 Datasheet HTML 11Page - Sanyo Semicon Device LC75348 Datasheet HTML 12Page - Sanyo Semicon Device LC75348 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
No. 7308 -9/21
LC75348, 75348M
Bass control
D20
D21
D22
D23
D24
Operation
0
1
0
1
0
+20 dB
1
0
0
1
0
+18 dB
0
0
0
1
0
+16 dB
1
1
1
0
0
+14 dB
0
1
1
0
0
+12 dB
1
0
1
0
0
+10 dB
0
0
1
0
0
+8 dB
1
1
0
0
0
+6 dB
0
1
0
0
0
+4 dB
1
0
0
0
0
+2 dB
0
0
0
0
0
0 dB
1
0
0
0
1
–2 dB
0
1
0
0
1
–4 dB
1
1
0
0
1
–6 dB
0
0
1
0
1
–8 dB
1
0
1
0
1
–10 dB
0
1
1
0
1
–12 dB
1
1
1
0
1
–14 dB
0
0
0
1
1
–16 dB
1
0
0
1
1
–18 dB
0
1
0
1
1
–20 dB
Zero cross control
D25
Operation
0
Data is written according to zero cross detection.
1
Zero cross detection operation is stopped. (Data is acquired on the falling edge of the CE signal.)
Channel selection
D26
D27
Operation
0
0
1
0
RCH
0
1
LCH
1
1
Left and right channels at the same time
Zero cross signal
detection block control
D28
D29
Operation
0
0
Selector
1
0
Volume
0
1
Tone
Test mode
D30
D31
Operation
0
0
These bits select the IC test modes and must be set to 0
during normal operation.


Podobny numer części - LC75348

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342M SANYO-LC75342M Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
More results

Podobny opis - LC75348

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
   Six-Channel Single-Chip Electronic Volume Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com