Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H181L Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10H181L
Szczegółowy opis  4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H181L Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10H181L Datasheet HTML 1Page - ON Semiconductor MC10H181L Datasheet HTML 2Page - ON Semiconductor MC10H181L Datasheet HTML 3Page - ON Semiconductor MC10H181L Datasheet HTML 4Page - ON Semiconductor MC10H181L Datasheet HTML 5Page - ON Semiconductor MC10H181L Datasheet HTML 6Page - ON Semiconductor MC10H181L Datasheet HTML 7Page - ON Semiconductor MC10H181L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10H181
http://onsemi.com
3
OG C
G
FUNCTION SELECT TABLE
LOGIC DIAGRAM
Function Select
Logic Functions
M is High C = DC
Arithmetic Operation
M is Low Cn is low
1
Function Select
S3
S2
S1
S0
M is High C = D.C.
F
M is Low Cn is low
F
13
1
L
L
L
L
F = A
F = A
15
1
L
L
L
H
F = A + B
F = A plus (A B)
17
1
L
L
H
L
F = A + B
F = A plus (A B)
14
L
L
H
H
F = Logical “1”
F = A times 2
S0 S1
S2
S3
L
H
L
L
F = A B
F = (A + B) plus 0
21
2
S0 S1
S2
S3
A0
F0
L
H
L
H
F = B
F = (A + B) plus (A B)
21
20
2
B0
1
L
HH
L
F = A
B
F = A plus B
2
18
3
A1
F1
L
H
H
H
F = A + B
F = A plus (A + B)
1
19
7
1
B1
F2
H
LLL
F = A B
F = (A + B) plus 0
1
16
1
A2
2
H
LL
H
F = A
 B
F = A minus B minus 1
1
11
6
2
B2
F3
H
L
H
L
F = B
F = (A + B) plus (A B)
11
10
4
2
A3
GG
H
L
H
H
F = A + B
F = A plus (A + B)
1
9B3
GG
PG
H
H
L
L
F = Logical “0”
F = minus 1 (two’s complement)
22
8
Cn
PG
H
H
L
H
F = A B
F = (A B) minus 1
23
22
5
Cn
MCn+4
H
H
H
L
F = A B
F = (A B) minus 1
2
Cn+4
H
HHH
F = A
F = A minus 1
DIP
PIN ASSIGNMENT
VCC1
F0
F1
GG
CN + 4
F3
F2
PG
VCC2
M
CN
A0
B0
B1
A1
S1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
B3
A3
B2
VEE
A2
S2
S0
S3
16
15
14
13
9
10
11
12
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
–8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current – Continuous
– Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range – Plastic
– Ceramic
–55 to +150
–55 to +165
°C
°C


Podobny numer części - MC10H181L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H181L ONSEMI-MC10H181L Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
More results

Podobny opis - MC10H181L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
74ACT11181 TI1-74ACT11181 Datasheet
217Kb / 14P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com