Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS78M05ACP Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS78M05ACP
Szczegółowy opis  3-Terminal Medium Current Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M05ACP Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS78M05ACP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78M05ACP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS78M00A series
3-9
2003/12 rev. B
TS78M08A Electrical Characteristics
(Vin=14V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
7.84
8
8.16
Output Voltage
Vout
10.5V
≤Vin≤23V,
5mA
≤Iout≤350mA, PD≤5W
7.68
8
8.32
V
Line Regulation
REGline
Tj=25
oC
10.5V
≤Vin≤25V,
Io=200mA
--
6
50
5mA
≤Iout≤500mA
--
25
160
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
10.5V
≤Vin≤25V
--
--
0.8
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 11V
≤Vin≤21V
56
80
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.2
--
mV/
oC
TS78M09A Electrical Characteristics
(Vin=15V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
Output Voltage
Vout
11.5V
≤Vin≤23V,
5mA
≤Iout≤350mA, PD≤5W
Line Regulation
REGline
Tj=25
oC
11.5V
≤Vin≤26V,
Io=200mA
5mA
≤Iout≤500mA
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
Quiescent Current
Iq
Iout=0, Tj=25
oC
11.5V
≤Vin≤26V
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
Ripple Rejection Ratio
RR
f=120Hz, 12V
≤Vin≤22V
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
Output Short Circuit Current
Ios
Tj=25
oC
Peak Output Current
Io peak
Tj=25
oC
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Podobny numer części - TS78M05ACP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS78M05ACPRO TSC-TS78M05ACPRO Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M05ACPRO TSC-TS78M05ACPRO Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M05ACPROG TSC-TS78M05ACPROG Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
More results

Podobny opis - TS78M05ACP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS78M00 TSC-TS78M00 Datasheet
178Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
List of Unclassifed Man...
TS78M05C ETC-TS78M05C Datasheet
177Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com