Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ10007 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MJ10007
Szczegółowy opis  NPN SILICON POWER DARLINGTON TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10007 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MJ10007 Datasheet HTML 1Page - ON Semiconductor MJ10007 Datasheet HTML 2Page - ON Semiconductor MJ10007 Datasheet HTML 3Page - ON Semiconductor MJ10007 Datasheet HTML 4Page - ON Semiconductor MJ10007 Datasheet HTML 5Page - ON Semiconductor MJ10007 Datasheet HTML 6Page - ON Semiconductor MJ10007 Datasheet HTML 7Page - ON Semiconductor MJ10007 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE Series
NPN Silicon Power Darlington
Transistors with Base-Emitter
Speedup Diode
The MJ10007 Darlington transistor is designed for high–voltage, high–speed,
power switching in inductive circuits where fall time is critical. It is particularly suited
for line operated switchmode applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
Fast Turn–Off Times
30 ns Inductive Fall Time — 25
_C (Typ)
500 ns Inductive Storage Time — 25
_C (Typ)
Operating Temperature Range – 65 to + 200
_C
100
_C Performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
400
Vdc
Collector–Emitter Voltage
VCEX
450
Vdc
Collector–Emitter Voltage
VCEV
500
Vdc
Emitter Base Voltage
VEB
8.0
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
10
20
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
2.5
5.0
Adc
Total Power Dissipation @ TC = 25_C
@ TC = 100_C
Derate above 25
_C
PD
150
100
0.86
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.17
_C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
v 10%.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ10007/D
© Motorola, Inc. 1995
10 AMPERE
NPN SILICON
POWER DARLINGTON
TRANSISTORS
400 VOLTS
150 WATTS
MJ10007
*Motorola Preferred Device
CASE 1–07
TO–204AA
(TO–3)
*
≈ 100
≈ 15
REV 2


Podobny numer części - MJ10007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ10007 MOSPEC-MJ10007 Datasheet
190Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
logo
Wing Shing Computer Com...
MJ10007 WINGS-MJ10007 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10007 BOCA-MJ10007 Datasheet
197Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTOR WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10007 NJSEMI-MJ10007 Datasheet
138Kb / 2P
   10 AMPERE POWER DARLINGTON TRANSISTORS
More results

Podobny opis - MJ10007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com