Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS34118CD Arkusz danych(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Numer części TS34118CD
Szczegółowy opis  Voice Switched Speakerphone Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CD Arkusz danych(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd TS34118CD Datasheet HTML 15Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TS34118
11-20
2004/09 rev. B
Attenuator Control Block
4) The circuit will switch to the slow idle mode when a) both talkers are quiet (no speech present), or b) when one talker’s
speech level is continuously overridden by noise at the other speaker’s location.
The time required to switch the circuit between transmit, receive, fast idle and slow idle is determined in part by the
components at the CT pin (pin 14). (see the section on Switch Time for a more complete explanation of the switching
time components). A schematic of the CT circuitry is shown in Figure 6, and operates as follows:
-RT is typically 120KΩ, and CT is typically 5.0µF.
-To switch to the receive mode, I1 is turned on (I2 is off), charging the external capacitor to +240mV above VB. (An
internal clamp prevents further charging of the capacitor.)
-To switch to the transmit mode, I2 is turned on (I1 is off) bringing down the voltage on the capacitor to –240mV with
respect to VB.
-To switch to idle quickly (fast idle), the current sources are turned off, and the internal 2.0KΩ resistor is switched in,
discharging the capacitor to VB with a time constant = 2.0K×CT.
-To switch to idle slowly (slowly idle), the current sources are turned off, the switch at the internal 2.0KΩ resistor is
open, and the capacitor discharges to VB through the external resistor RT with a time constant = RT × CT.
Figure 6. CT Attenuator Control Block Circuit
Microphone Amplifier
The microphone amplifier (pins 10,11) has the non-inverting input internally connected to VB, while the inverting input and
the output are pinned out. Unlike most op-amps, the amplifier has an all-NPN output stage, which maximizes phase
margin and gain-bandwidth. This feature ensures stability at gains less than unity, as well as with a wide range of reactive
loads. The open loop gain is typically 80dB (f<100Hz), and the gain-bandwidth is typically 1.0MHz (see Figure 16). The
maximum p-p output swing is typically 1.0 volt less than Vcc with an output impedance of <10
Ω until current limited is
reached (typically 1.5mA).Input bias current at MCI is typically 40nA out of the pin.
The muting function (Pin 12), when activated, will reduce the gain of the amplifier to ≈-39dB (with RMI=5.0KΩ) by shorting
output to the inverting input (see Figure 7). The mute input has a threshold of ≈1.5 volts, and the voltage at this pin must
be kept within the range of ground and Vcc (see Figure 17). If the mute function is not used, the pin should be grounded.


Podobny numer części - TS34118CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS34118CD28C4 TSC-TS34118CD28C4 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
More results

Podobny opis - TS34118CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
logo
Motorola, Inc
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com