Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS39103CP52.5 Arkusz danych(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Numer części TS39103CP52.5
Szczegółowy opis  1.0A Ultra Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103CP52.5 Arkusz danych(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39103CP52.5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39103CP52.5 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS39100/1/2/3
8-10
2004/06 rev. E
Application Information (continues)
Thermal resistance consists of two main elements, Θjc
(junction to case) and Θca (case to ambient). Using the
power SOP-8 reduces Θca, the total thermal
resistance, Θja (junction to ambient) is the limiting
factor in calculating the maximum power dissipation
capability of the device. Typically, the power SOP-8
have a Θjc of 20
oC/W dramatically , this is significantly
lower than the standard SOP-8 which is typically
75
oC/W. Θca is reduced because pin 5~8 can be
soldered directly to a ground plane which significantly
reduces the case to sink and sink to ambient thermal
resistance.
Power Dissipation
From under curves, the minimum area of copper
necessary for the par to operate safely can be
determined. The maximum allowable temperature rise
must be calculated to determine operation along
which curve.


Podobny numer części - TS39103CP52.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS39103CP525RO TSC-TS39103CP525RO Datasheet
425Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Podobny opis - TS39103CP52.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com