Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4951 Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części LM4951
Szczegółowy opis  Wide Voltage Range 1.8 Watt Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951 Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  LM4951 Datasheet HTML 1Page - National Semiconductor (TI) LM4951 Datasheet HTML 2Page - National Semiconductor (TI) LM4951 Datasheet HTML 3Page - National Semiconductor (TI) LM4951 Datasheet HTML 4Page - National Semiconductor (TI) LM4951 Datasheet HTML 5Page - National Semiconductor (TI) LM4951 Datasheet HTML 6Page - National Semiconductor (TI) LM4951 Datasheet HTML 7Page - National Semiconductor (TI) LM4951 Datasheet HTML 8Page - National Semiconductor (TI) LM4951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics V
DD = 3.3V (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 3.3V, AV-BTL = 6dB, RL =8
Ω unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4951
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
P
O
Output Power
THD = 1% (max); f = 1kHz
R
L =8
Ω Mono BTL
280
230
W (min)
THD+N
Total Harmomic Distortion + Noise1 P
O = 100mWrms; f = 1kHz
A
V-BTL = 6dB
0.07
0.5
% (max)
THD+N
Total Harmomic Distortion + Noise1 P
O = 100mWrms; f = 1kHz
A
V-BTL = 26dB
0.35
%
e
OS
Output Noise
A-Weighted Filter, R
i =Rf = 20k
Input Referred, Note 10
10
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 217Hz,
C
B = 1µF, Input Referred
71
61
dB (min)
Note 1: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is P DMAX =(TJMAX −TA)/ θJA or the given in Absolute Maximum Ratings, whichever is lower. For the LM4951 typical application (shown
in Figure 1) with VDD = 7.5V, RL =8Ω mono-BTL operation the max power dissipation is 1.42W. θJA = 73˚C/W.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for minimum shutdown
current.
Note 10: Noise measurements are dependent on the absolute values of the closed loop gain setting resistors (input and feedback resistors).
www.national.com
4


Podobny numer części - LM4951

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4951 TI-LM4951 Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
National Semiconductor ...
LM4951ASD NSC-LM4951ASD Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

Podobny opis - LM4951

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18