Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM7183 Arkusz danych(PDF) 7 Page - SamHop Microelectronics Corp.

Numer części SM7183
Szczegółowy opis  ECHO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7183 Arkusz danych(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM7183 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7183 Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7
AC CHARACTERISTICS
( Vcc = 5.0V, f in = 1KHz, Vi = 100mVrms, fck = 6MHz, Ta = 25 C, unless
otherwise noted )
o
Symbol
Icco
Gv
Vomax
Parameter
Supply current
Voltage gain
Maximum output
voltage
Test Condition
RL = 47KΩ
THD = 10%
THD
No
Output distortion
Output noise voltage
30KHz
L.P.F.
DIN
Audio
Echo mode
Surround mode
Echo mode
Surround mode
PSRR
Tmute
Power supply
rejection ratio
Mute time
Vcc = -20dBV
f = 100Hz
Echo mode
Surround mode
Min. Typ. Max. Unit
60
100
mA
-0.5
2.5
dB
0.7
1.2
Vrms
1.5
3.0
%
0.3
1.0
%
-85
-60
dBV
-90
-70
dBV
-40
-25
dB
515 520
525 msec
122 127
132 msec
DC CHARACTERISTICS
Vcc
Icc
V IH
V IL
Symbol
Parameter
Unit
Limits
Min
Typ
Max
Supply voltage
Supply current
"H" input voltage
"L" input voltage
V
mA
V
V
4.5
5
5.5
60
100
3V
1.5V
V.2.0 MAR. 8, 2002
SM7183
ECHO
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Podobny numer części - SM7183

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SM7181 SAMHOP-SM7181 Datasheet
48Kb / 8P
   ECHO
SM7186 SAMHOP-SM7186 Datasheet
185Kb / 10P
   Built-in adjustable OSC
More results

Podobny opis - SM7183

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
   Voice Echo
logo
SamHop Microelectronics...
SM7181 SAMHOP-SM7181 Datasheet
48Kb / 8P
   ECHO
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970_08 Datasheet
116Kb / 11P
   Voice Echo
logo
List of Unclassifed Man...
CD2399GP ETC2-CD2399GP Datasheet
482Kb / 5P
   Echo Processor
logo
OKI electronic componet...
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
logo
Holtek Semiconductor In...
HT8972 HOLTEK-HT8972 Datasheet
139Kb / 13P
   Voice Echo
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com