Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

742C043101J Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części 742C043101J
Szczegółowy opis  THICK FILM CHIP RESISTORS ARRAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

742C043101J Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  742C043101J Datasheet HTML 1Page - List of Unclassifed Manufacturers 742C043101J Datasheet HTML 2Page - List of Unclassifed Manufacturers 742C043101J Datasheet HTML 3Page - List of Unclassifed Manufacturers 742C043101J Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
744C043
2 Resistors
4 Terminations
742C163
8 Resistors
16 Terminations
742C083
4 Resistors
8 Terminations
743C043
2 Resistors
4 Terminations
Concave
Termination
745X101
8 Resistors
10 Terminations
745X102
8 Resistors
10 Terminations
746X101
8 Resistors
10 Terminations
Convex
Termination
Termination Area
Termination Area
Standard Packages & Style Codes
Common Pad
Designator
25 mil pitch (.64mm)
50 mil pitch (1.27mm)
50 mil pitch (1.27mm)
50 mil pitch (1.27mm)
Eight Bussed
Resistors in nearly
the same space as
one 1206 size chip
resistor!
742C043
2 Resistors
4 Terminations
743C083
4 Resistors
8 Terminations
745C101
8 Resistors
10 Terminations
745C102
8 Resistors
10 Terminations
50 mil pitch (1.27mm)
744C083
4 Resistors
8 Terminations
PAD 1 Mark
PAD 1 Mark
(Dot)
(Triangle)
Note: The Marking Concept for Convex and
Concave Series 745 is Different.
741C083
4 Resistors
8 Terminations
742X083
4 Resistors
8 Terminations
741X043
2 Resistors
4 Terminations
741X083
4 Resistors
8 Terminations
741X163
8 Resistors
16 Terminations
8/05/02


Podobny numer części - 742C043101J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
742C043101JP CTS-742C043101JP Datasheet
216Kb / 5P
   Chip Resistor Arrays
742C043101JP CTS-742C043101JP Datasheet
156Kb / 5P
   Chip Resistor Arrays
More results

Podobny opis - 742C043101J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CN24JTN0 ETC-CN24JTN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
TT Electronics.
BCN TTELEC-BCN_18 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com