Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJE803 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MJE803
Szczegółowy opis  DARLINGTON POWER TRANSISTORS COMPLEMENTARY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE803 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MJE803 Datasheet HTML 1Page - ON Semiconductor MJE803 Datasheet HTML 2Page - ON Semiconductor MJE803 Datasheet HTML 3Page - ON Semiconductor MJE803 Datasheet HTML 4Page - ON Semiconductor MJE803 Datasheet HTML 5Page - ON Semiconductor MJE803 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Darlington
Complementary Silicon Power
Transistors
. . . designed for general–purpose amplifier and low–speed switching applications.
• High DC Current Gain —
hFE = 2000 (Typ) @ IC = 2.0 Adc
• Monolithic Construction with Built–in Base–Emitter Resistors to Limit Leakage
Multiplication
• Choice of Packages —
MJE700 and MJE800 series
T0220AB, MJE700T and MJE800T
MAXIMUM RATINGS
Rating
Symbol
MJE700,T
MJE800,T
MJE702
MJE703
MJE802
MJE803
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
60
80
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
0.1
Adc
CASE 77
TO–220
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
40
0.32
50
0.40
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
CASE 77
TO–220
R
θJC
3.13
2.50
_C/W
25
TC, CASE TEMPERATURE (°C)
0
50
125
150
30
TO–220AB
50
40
20
10
Figure 1. Power Derating
75
100
TO–126
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE700/D
© Motorola, Inc. 1995
MJE700,T
MJE702
MJE703
MJE800,T
MJE802
MJE803
4.0 AMPERE
DARLINGTON
POWER TRANSISTORS
COMPLEMENTARY
SILICON
40 WATT
50 WATT
PNP
NPN
CASE 77–08
TO–225AA TYPE
MJE700 – 703
MJE800 – 803
CASE 221A–06
TO–220AB
MJE700T
MJE800T
REV 3


Podobny numer części - MJE803

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJE803 MOTOROLA-MJE803 Datasheet
256Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
logo
STMicroelectronics
MJE803 STMICROELECTRONICS-MJE803 Datasheet
64Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
MJE803 FAIRCHILD-MJE803 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
logo
ON Semiconductor
MJE803 ONSEMI-MJE803 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
logo
Inchange Semiconductor ...
MJE803 ISC-MJE803 Datasheet
99Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Podobny opis - MJE803

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com