Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D048C025T015M2N Arkusz danych(PDF) 4 Page - Vicor Corporation

Numer części D048C025T015M2N
Szczegółowy opis  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C025T015M2N Arkusz danych(HTML) 4 Page - Vicor Corporation

  D048C025T015M2N Datasheet HTML 1Page - Vicor Corporation D048C025T015M2N Datasheet HTML 2Page - Vicor Corporation D048C025T015M2N Datasheet HTML 3Page - Vicor Corporation D048C025T015M2N Datasheet HTML 4Page - Vicor Corporation D048C025T015M2N Datasheet HTML 5Page - Vicor Corporation D048C025T015M2N Datasheet HTML 6Page - Vicor Corporation D048C025T015M2N Datasheet HTML 7Page - Vicor Corporation D048C025T015M2N Datasheet HTML 8Page - Vicor Corporation D048C025T015M2N Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 4 of 14
vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
36
48
75
Vdc
Input surge withstand
100
Vdc
<100 ms
Undervoltage
Turn-on
35
36
Vdc
Turn-off
32.6
33.8
Vdc
Overvoltage
Turn-off
76.0
Vdc
Turn-on
75.0
Vdc
Input reflected ripple current
3
% Iin
mA p-p (see Fig.3 for test circuit)
Input dV/dt
10
V/µs
Turn-on time
Power up
150
ms
ON/OFF enable
6
ms
No load power dissipation
6.0
W
Recommended external
10
50
µF
200 nH maximum source inductance
input capacitance
INPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Output voltage accuracy
±1
%
48 V input; no load; 25°C
Current limit
125
%
Average short circuit current
200
mA
Efficiency
Module dependent, see charts for individual models
Output OVP setpoint
120
%
Line regulation
0.1
%
Load regulation
0.1
%
Temperature regulation
±0.05
% / °C
Ripple and noise, p-p
Module dependent, see charts for individual models
Transient response
No load - full load step change, see note 1 below
Voltage deviation
2
%
Recovery time
75
µs
OUTPUT SPECIFICATIONS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and case temperature,
unless otherwise specified.
Note 1: For important information relative to applications where the unit is subjected to continuous dynamic loading, contact Vicor
Applications Engineering at 800-927-9474.
Specifications, continued


Podobny numer części - D048C025T015M2N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerbox
D048C025T010M1N POWERBOX-D048C025T010M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T010M2N POWERBOX-D048C025T010M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T012M1N POWERBOX-D048C025T012M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T012M2N POWERBOX-D048C025T012M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T014M1N POWERBOX-D048C025T014M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

Podobny opis - D048C025T015M2N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com