Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-2700 Arkusz danych(PDF) 9 Page - Agilent(Hewlett-Packard)

Numer części HLMP-2700
Szczegółowy opis  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-2700 Arkusz danych(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HLMP-2700 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HLMP-2700 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Figure 1. Maximum Allowable Peak Current vs. Pulse Duration.
Figure 4. Forward Current vs. Forward Voltage.
Figure 5. Relative Luminous Intensity vs. DC Forward
Current.
AlGaAs Red
Figure 2. Maximum Allowed DC Current per LED vs.
Ambient Temperature, T
JMAX = 110 °C.
Figure 3. Relative Efficiency (Luminous Intensity per Unit
Current) vs. Peak LED Current.


Podobny numer części - HLMP-2700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2700 AVAGO-HLMP-2700 Datasheet
338Kb / 16P
   LED Light Bars
logo
Everlight Electronics C...
HLMP-2700 EVERLIGHT-HLMP-2700 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2700 AVAGO-HLMP-2700 Datasheet
322Kb / 16P
   LED Light Bars
HLMP-2700 AVAGO-HLMP-2700 Datasheet
346Kb / 16P
   Large bright, uniform light emitting areas
logo
Everlight Electronics C...
HLMP-2700 EVERLIGHT-HLMP-2700 Datasheet
997Kb / 5P
   LED LIGHT BARS
More results

Podobny opis - HLMP-2700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2965 AVAGO-HLMP-2965 Datasheet
322Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com