Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-2550 Arkusz danych(PDF) 2 Page - Agilent(Hewlett-Packard)

Numer części HLMP-2550
Szczegółowy opis  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-2550 Arkusz danych(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-2550 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Selection Guide
Light Bar Part Number
Corresponding
Size of
Package
Panel and
HLCP-
HLMP-
Light Emitting Areas
Outline
Legend Mount
Part No. HLMP-
AlGaAs
HER
Yellow
Green
A100
2300
2400
2500
8.89 mm x 3.81 mm
1
A
2599
(.350 in. x .150 in.)
B100
2350
2450
2550
19.05 mm x 3.81 mm
1
B
2598
(.750 in. x .150 in.)
D100
2600
2700
2800
8.89 mm x 3.81 mm
2
D
2898
(.350 in. x .150 in.)
E100
2620
2720
2820
8.89 mm x 3.81 mm
4
E
2899
(.350 in. x .150 in.)
F100
2635
2735
2835
3.81 mm x 19.05 mm
2
F
2899
(.150 in. x .750 in.)
C100
2655
2755
2855
8.89 mm x 8.89 mm
1
C
2898
(.350 in. x .350 in.)
G100
2670
2770
2870
8.89 mm x 8.89 mm
2
G
2899
(.350 in. x .350 in.)
H100
2685
2785
2885
8.89 mm x 19.05 mm
1
H
2899
(.350 in. x .750 in.)
2950
2950
8.89 mm x 8.89 mm
Bicolor
I
2898
(.350 in. x .350 in.)
2965
2965
8.89 mm x 8.89 mm
Bicolor
I
2898
(.350 in. x .350 in.)
Number
of
Light
Emitting
Areas


Podobny numer części - HLMP-2550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-2550 QT-HLMP-2550 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2550 AVAGO-HLMP-2550 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2550 AVAGO-HLMP-2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2550 EVERLIGHT-HLMP-2550 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2550 AVAGO-HLMP-2550 Datasheet
322Kb / 16P
   LED Light Bars
More results

Podobny opis - HLMP-2550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2965 AVAGO-HLMP-2965 Datasheet
322Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com