Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-WL02 Arkusz danych(PDF) 2 Page - Agilent(Hewlett-Packard)

Numer części HLMP-WL02
Szczegółowy opis  High Intensity AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-WL02 Arkusz danych(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-WL02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
2
Technical Data
Amber
Red-Orange
Red
(
λ
d = 590 nm)
[1]
(
λ
d = 615 nm)
[1]
(
λ
d = 626 nm)
[1]
Minimum
Minimum
Minimum
Typical
Luminous
Luminous
Luminous
Package
Viewing
Part
Intensity
Part
Intensity
Part
Intensity
Drawing/
Angle, 2
θ
1/2
No.
Iv (mcd)[3,4],
No.
Iv (mcd)[3,4],
No.
Iv (mcd)[3,4],
Nominal
(Deg.)[2]
HLMP-
@ 20 mA
HLMP-
@ 20 mA
HLMP-
@ 20 mA
Epoxy
Diameter
15
WL12
450
WH12
270
WG12
270
clear
A/5 mm
30
WL27
205
WH27
155
WG27
155
clear
A/5 mm
65
WL02
35
WH02
35
WG02
26
tinted
A/5 mm
diffused[5]
60
NL06
96.2
NH04
90.2
NG07
90.2
clear
B/3 mm
Notes:
1. Dominant Wavelength,
λ
d, is derived from the CIE Chromaticity Diagram, and represents the color of the lamp.
2.
Θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
3. The luminous intensity is measured on the mechanical axis of the lamp package.
4. The optical axis is closely aligned with the package mechanical axis.
5. Tinting of amber lamps is yellow, red-orange lamps are tinted a reddish orange, and red lamps are tinted red.
Package Dimensions
2.35 (0.093)
MAX.
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
CATHODE
LEAD
8.71 ± 0.20
(0.343 ± 0.008
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
CATHODE
FLAT
2.54 ± 0.38
(0.100 ± 0.015)
3.60
0.65 MAX.
0.44 ± 0.2
+ 0.1
– 0
0.4
2.54 ± 0.3
1.0 MIN.
23.0 MIN.
0.8 MAX.
(MENISCUS)
2.00
5.70 ± 0.5
3.10 ± 0.20
3.80 ± 0.30
3.35 ± 0.30
A
B


Podobny numer części - HLMP-WL02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Podobny opis - HLMP-WL02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unity Opto Technology
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-324UOL UOT-MVL-324UOL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
logo
List of Unclassifed Man...
LVX3333 ETC1-LVX3333 Datasheet
164Kb / 1P
   5.0mm HIGH INTENSITY LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com