Zakładka z wyszukiwarką danych komponentów |
|
HLMP-3862-F00XX Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-3862-F00XX Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 11 page 3 Optical/Electrical Characteristics at TA = 25°C Test Symbol Parameter Color Min. Typ. Max. Units Condition 2 θ1/2 Included Angle High Efficiency Red 60 Deg. IF = 10 mA Between Half Orange 60 See Note 1 Luminous Intensity Yellow 60 Points Green 60 λ PEAK Peak Wavelength High Efficiency Red 635 nm Measurement Orange 600 at Peak Yellow 583 Green 565 ∆λ 1/2 Spectral Line Halfwidth HER/Orange 40 nm Yellow 36 Green 28 λ d Dominant Wavelength High Efficiency Red 626 nm See Note 2 Orange 602 Yellow 585 Green 569 τ s Speed of Response High Efficiency Red 90 ns Orange 280 Yellow 90 Green 500 C Capacitance High Efficiency Red 11 pF VF = 0; Orange 4 f = 1 MHz Yellow 15 Green 18 R θ J-PIN Thermal Resistance All 260 °C/W Junction to Cathode Lead VF Forward Voltage HER/Orange 1.9 2.4 V IF = 10 mA Yellow 2.0 2.4 Green 2.1 2.7 VR Reverse Breakdown All 5.0 V IR = 100 µA Voltage η V Luminous Efficacy High Efficiency Red – 145 lumens See Note 3 Orange 380 Watt Yellow – 500 Green 595 Notes: 1. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in Watts/steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and η v is the luminous efficacy in lumens/Watt. |
Podobny numer części - HLMP-3862-F00XX |
|
Podobny opis - HLMP-3862-F00XX |