Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1240A Arkusz danych(PDF) 11 Page - Microchip Technology

Numer części TC1240A
Szczegółowy opis  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240A Arkusz danych(HTML) 11 Page - Microchip Technology

Back Button TC1240A Datasheet HTML 7Page - Microchip Technology TC1240A Datasheet HTML 8Page - Microchip Technology TC1240A Datasheet HTML 9Page - Microchip Technology TC1240A Datasheet HTML 10Page - Microchip Technology TC1240A Datasheet HTML 11Page - Microchip Technology TC1240A Datasheet HTML 12Page - Microchip Technology TC1240A Datasheet HTML 13Page - Microchip Technology TC1240A Datasheet HTML 14Page - Microchip Technology TC1240A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
 2003 Microchip Technology Inc.
DS21516C-page 11
TC1240/TC1240A
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Device
Code
TC1240
DN
TC1240A
EN
6
6-Pin SOT-23A
13
4
2
5
13
24
1
&
= part number code + temperature range
2
(two-digit code)
ex: 1240AECH = E N
3
represents year and 2-month code
4
represents production lot ID code


Podobny numer części - TC1240A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
253Kb / 18P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240AECH MICROCHIP-TC1240AECH Datasheet
253Kb / 18P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
More results

Podobny opis - TC1240A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1240 MICROCHIP-TC1240_13 Datasheet
253Kb / 18P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240 MICROCHIP-TC1240 Datasheet
858Kb / 11P
   Positive Doubling Charge Pump with Shutdown in SOT Package
2001
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
   Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Maxim Integrated Produc...
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com