Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN24CMLX Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FIN24CMLX
Szczegółowy opis  uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24CMLX Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN24CMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
www.fairchildsemi.com
PLL Circuitry
The CKREF input signal is used to provide a reference to the
PLL. The PLL will generate internal timing signals capable of
transferring data at 26 times the incoming CKREF signal. The
output of the PLL is a Bit Clock that is sent with the serial data
stream.
There are two ways to disable the PLL. The PLL can be dis-
abled by entering the Mode 0 state (S1 = S2 = 0). The PLL will
disable immediately upon detecting a LOW on both the S1 and
S2 signals. Any of the other modes are entered by asserting
either S1 or S2 HIGH and by providing a CKREF signal the PLL
will power-up and go through a lock sequence. One must wait
the specified number of clock cycles prior to capturing valid data
into the parallel port. When the
PSerDes chipset transitions from
a power down state (S1, S2 = 0, 0) to a powered state (example
S1, S2 = 1, 1), CKP on the deserializer will transition LOW for a
short duration, and will return HIGH. Following this, the signal
level of the deserializer at CKP will correspond to the serializer
signal levels.
An alternate way of powering down the PLL is by stopping the
CKREF signal either HIGH or LOW. Internal circuitry detects the
lack of transitions and shuts the PLL and serial I/O down. Inter-
nal references will not however be disabled allowing for the PLL
to power-up and re-lock in a lesser number of clock cycles than
when exiting Mode 0. When a transition is seen on the CKREF
signal the PLL will once again be reactivated.
Application Mode Diagrams
MODE equals 3: Unidirectional Data Transfer
FIGURE 8. Simplified Block Diagram for Unidirectional Serializer and Deserializer
Figure 8 shows the basic operation diagram when a pair of Ser-
Des is configured in an unidirectional operation mode.
Master Operation: The device will... (Please refer to Figure 8)
1. Be configured as a serializer at power-up based on the value
of the DIRI signal.
2. Accept CKREF_M word clock and generate a bit clock with
embedded word boundary. This bit clock will be sent to the
slave device through the CKSO port.
3. Receive parallel data on the rising edge of STROBE_M.
4. Generate and transmit serialized data on the DS signals
which is source synchronous with CKSO.
5. Generate an embedded word clock for each strobe signal.
Slave Operation: The device will...
1. Be configured as a deserializer at power-up based on the
value of the DIRI signal.
2. Accept an embedded word boundary bit clock on CKSI.
3. Deserialize the DS Data stream using the CKSI input clock.
4. Write parallel data onto the DP_S port and generate the
CKP_S. CKP_S will only be generated when a valid data
word occurs.


Podobny numer części - FIN24CMLX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

Podobny opis - FIN24CMLX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com