Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EL1648DR2 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC100EL1648DR2
Szczegółowy opis  5 V ECL Voltage Controlled Oscillator Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648DR2 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC100EL1648DR2 Datasheet HTML 1Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 2Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 3Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 4Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 5Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 6Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 7Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 8Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC100EL1648
http://onsemi.com
4
Table 4. PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V +0.8 / −0.5 V (Note 2)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
13
19
25
13
19
25
13
19
25
mA
VOH
Output HIGH Voltage (Note 3)
3950
4170
4610
3950
4170
4610
3950
4170
4610
mV
VOL
Output LOW Voltage (Note 3)
3040
3410
3600
3040
3410
3600
3040
3410
3600
mV
AGC
Automatic Gain Control Input
1690
1980
1690
1980
1690
1980
mV
VBIAS
Bias Voltage (Note 4)
1650
1800
1650
1800
1650
1800
mV
VIL
1.5
1.35
1.2
V
VIH
2.0
1.85
1.7
V
IL
Input Current
−5.0
−5.0
−5.0
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Output parameters vary 1:1 with VCC.
3. 1.0 M
W impedance.
4. This measurement guarantees the dc potential at the bias point for purposes of incorporating a varactor tuning diode at this point.
Table 5. NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = −5.0 V +0.8 / −0.5 V (Note 5)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
13
19
25
13
19
25
13
19
25
mA
VOH
Output HIGH Voltage (Note 6)
−1050
−830
−399
−1050
−830
−399
−1050
−830
−399
mV
VOL
Output LOW Voltage (Note 6)
−1960
−1590
−1400
−1960
−1590
−1400
−1960
−1590
−1400
mV
AGC
Automatic Gain Control Input
−3310
−3020
−3310
−3020
−3310
−3020
mV
VBIAS
Bias Voltage (Note 7)
−3350
−3200
−3350
−3200
−3350
−3200
mV
VIL
−3.5
−3.65
−3.8
V
VIH
−3.0
−3.15
−3.3
V
IL
Input Current
−5.0
−5.0
−5.0
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Output parameters vary 1:1 with VCC.
6. 1.0 M
W impedance.
7. This measurement guarantees the dc potential at the bias point for purposes of incorporating a varactor tuning diode at this point.


Podobny numer części - MC100EL1648DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL1648DR2 ONSEMI-MC100EL1648DR2 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DR2 ONSEMI-MC100EL1648DR2 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648DR2G ONSEMI-MC100EL1648DR2G Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DR2G ONSEMI-MC100EL1648DR2G Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results

Podobny opis - MC100EL1648DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_07 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
SYNERGY MICROWAVE CORPO...
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com