Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1296FN Arkusz danych(PDF) 9 Page - Toshiba Semiconductor

Numer części TA1296FN
Szczegółowy opis  Down-Converter IC with PLL for Satellite Tuner
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1296FN Arkusz danych(HTML) 9 Page - Toshiba Semiconductor

Back Button TA1296FN Datasheet HTML 5Page - Toshiba Semiconductor TA1296FN Datasheet HTML 6Page - Toshiba Semiconductor TA1296FN Datasheet HTML 7Page - Toshiba Semiconductor TA1296FN Datasheet HTML 8Page - Toshiba Semiconductor TA1296FN Datasheet HTML 9Page - Toshiba Semiconductor TA1296FN Datasheet HTML 10Page - Toshiba Semiconductor TA1296FN Datasheet HTML 11Page - Toshiba Semiconductor TA1296FN Datasheet HTML 12Page - Toshiba Semiconductor TA1296FN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TA1296FN
2002-02-12
9
PLL Block (unless otherwise specified, VCC1
==== VCC2 ==== VCC3 ==== VCC4 ==== 5 V, Ta ==== 25°C)
Parameter
Symbol
Test
Circuit
Test Condition
(Note 4)
Min
Typ.
Max
Unit
Tuning amplifier output voltage (close)
Vt out
1
VBT
= 33 V, RL = 33 kW
0.3
¾
33
V
Tuning amplifier maximum current
Ivt
1
VBT
= 33 V
¾
¾
3
mA
X’tal negative resistance
XtR
1
1
2.5
¾
k
W
X’tal operating range
OSCin
1
XO-SW:GND (X’tal oscillator
mode)
[NDK (AT-51), 4 MHz used]
3.2
¾
4.5
MHz
X’tal external input level
Xo extl
1
100
¾
1000
mVp-p
X’tal external input frequency
X-ext
1
XO-SW: VCC2 or open
2
¾
6
MHz
Ratio setting range
N
¾
16-bit counter
1024
¾
65,535
Logic input low voltage
VIL
1
-0.3
¾
1.5
V
Logic input high voltage
VIH
1
SDA and SCL pins
2.4
¾
VCC2
+ 0.3
V
Logic input current (low)
I BsL
1
-20
¾
10
mA
Logic input current (high)
I BsH
1
SDA and SCL pins
-10
¾
20
mA
ACK output voltage
VACK
1
ISINK
= 3 mA
¾
¾
0.4
V
CP1
= [0], CP0 = [0]
±35
±50
±75
CP1
= [0], CP0 = [1]
±75
±100
±145
CP1
= [1], CP0 = [0]
±180
±240
±345
Charge pump output current
Ichg
1
CP1
= [1], CP0 = [1]
±375
±490
±700
mA
Band driver drive current
IBD
1
B1, B2
¾
¾
10
mA
Band driver voltage drop
VBDsat
1
B1, B2: IBD
= 10-mA drive
¾
¾
0.2
V
Comparator pin input voltage
VCMP
1
IP-1, IP-2, IP-3
0
¾
6
V
Comparator pin low voltage
VLCMP
1
IP-1, IP-2, IP-3
0
¾
1.5
V
Comparator pin high voltage
VHCMP
1
IP-1, IP-2, IP-3
2.7
¾
6
V
Xo buffer output level
Xo out
1
1-k
W, 10-pF load
X’tal: NDK (AT-51), 4 MHz
used.
4-MHz level monitored on
oscilloscope using FET probe
(1 M
W, 1.9 pF).
350
500
¾
mVp-p


Podobny numer części - TA1296FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1296A TAI-SAW-TA1296A Datasheet
363Kb / 8P
   SAW Filter 2468 MHz
More results

Podobny opis - TA1296FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1322FN TOSHIBA-TA1322FN Datasheet
215Kb / 21P
   DOWB-CONVERTER IC WITH PLL FOR SATELLITE TUNER
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
   DOWN CONVERTER FOR BS TUNER IC
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
   Down Converter for BS/CS Tuner IC
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Sony Corporation
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com