Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ74HCT27A Arkusz danych(PDF) 3 Page - Integral Corp.

Numer części IZ74HCT27A
Szczegółowy opis  Triple 3-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74HCT27A Arkusz danych(HTML) 3 Page - Integral Corp.

  IZ74HCT27A Datasheet HTML 1Page - Integral Corp. IZ74HCT27A Datasheet HTML 2Page - Integral Corp. IZ74HCT27A Datasheet HTML 3Page - Integral Corp. IZ74HCT27A Datasheet HTML 4Page - Integral Corp. IZ74HCT27A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74HCT27A
3
INTEGRAL
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT
≤0.1Vor
VOUT
≥V
CC-0.1V
I
OUT
≤ 20 ?A
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -Level
Input Voltage
VOUT
≤0.1Vor
VOUT
≥V
CC-0.1V
I
OUT
≤ 20 ?A
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VIN=VIH or VIL
I
OUT
 ≤ - 20 ?A
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
VOH
Minimum High-Level
Output Voltage
VIN= VIH or VIL
I
OUT
 ≤ - 4.0 mA
4.5
3.98
3.84
3.70
V
VIN= VIH or VIL
I
OUT
 ≤ 20 ?A
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VOL
Maximum Low-Level
Output Voltage
VIN= VIH or VIL
I
OUT
 ≤ 4.0 mA
4.5
0.26
0.33
0.4
IIL
Maximum Low-Level
Input Leakage Current
VIN= 0 V
5.5
-0.1
-1.0
-1.0
µA
IIH
Maximum High-Level
Input Leakage Current
VIN= VCC
5.5
0.1
1.0
1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or 0 V
IOUT=0 ?A
5.5
2.0
20
40
µA
≤-55°C
25
°C ?
-125
°C
ICCT
Maximum
Additional Quiescent
Supply Current on
input pin
VIN=2.4V any one input,
VIN=0 V or VCC, others inputs
IOUT=0 ?A
4.5
2.9
2.4


Podobny numer części - IZ74HCT27A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ74HCT21A INTEGRAL-IZ74HCT21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
More results

Podobny opis - IZ74HCT27A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com