Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6021A4N Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6021A4N
Szczegółowy opis  2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6021A4N Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA6021A4N Datasheet HTML 7Page - Texas Instruments TPA6021A4N Datasheet HTML 8Page - Texas Instruments TPA6021A4N Datasheet HTML 9Page - Texas Instruments TPA6021A4N Datasheet HTML 10Page - Texas Instruments TPA6021A4N Datasheet HTML 11Page - Texas Instruments TPA6021A4N Datasheet HTML 12Page - Texas Instruments TPA6021A4N Datasheet HTML 13Page - Texas Instruments TPA6021A4N Datasheet HTML 14Page - Texas Instruments TPA6021A4N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
SELECTION OF COMPONENTS
PGND
ROUT-
PVDD
RIN+
RIN-
VDD
LIN-
LIN+
PVDD
LOUT-
1
ROUT+
SE/BTL
VOLUME
AGND
NC
BYPASS
FADE
SHUTDOWN
LOUT+
PGND
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
13
18
19
20
Ci
Right
Audio Source
Left
Audio Source
Ci
Ci
Ci
Power Supply
Power Supply
VDD
100 kW
100 kW
In From DAC
or
Potentiometer
(DC Voltage)
System
Control
Right
Speaker
Left
Speaker
Headphones
1 kW
1 kW
C
330 F
O
m
C
330 F
O
m
C
0.47 F
(BYP)
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
0.47 F
m
VDD
VDD
C
10 F
S
m
TPA6021A4
SLOS465 – JUNE 2005
Figure 19 and Figure 20 are schematic diagrams of typical LCD monitor application circuits.
A.
A 0.47-µF ceramic capacitor should be placed as close as possible to the IC. For filtering lower-frequency noise
signals, a larger electrolytic capacitor of 10 µF or greater should be placed near the audio power amplifier.
Figure 19. Typical TPA6021A4 Application Circuit Using Single-Ended Inputs and Input MUX
11


Podobny numer części - TPA6021A4N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2EVM TI-TPA6020A2EVM Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGW TI-TPA6020A2RGW Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGWR TI-TPA6020A2RGWR Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGWRG4 TI-TPA6020A2RGWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA6021A4N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com