Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ74LV00 Arkusz danych(PDF) 4 Page - Integral Corp.

Numer części IZ74LV00
Szczegółowy opis  Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV00 Arkusz danych(HTML) 4 Page - Integral Corp.

  IZ74LV00 Datasheet HTML 1Page - Integral Corp. IZ74LV00 Datasheet HTML 2Page - Integral Corp. IZ74LV00 Datasheet HTML 3Page - Integral Corp. IZ74LV00 Datasheet HTML 4Page - Integral Corp. IZ74LV00 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74LV00
4
INTEGRAL
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, tLH = tHL = 6.0 ns , VIL=0V, VIH=VCC)
VCC
Guaranteed Limit
V
25
°C
-40
°C ? 85°C
-40
°C ? 125°C
Symbol
Parameter
min
max
min
max
min
max
Unit
tTHL, (tTLH)
Output Transition
Time, Any Output
(Figure 1)
1.2
2.0
*
-
-
60
16
10
-
-
-
75
20
13
-
-
-
90
24
15
ns
tPHL, (tPLH)
Propagation Delay,
Input A to Output Y
(Figure 1)
1.2
2.0
*
-
-
-
135
23
14
-
-
-
405
28
18
-
-
-
405
34
21
CI
Input Capacitance
3.0
-
7.0
-
-
-
-
pF
ÒÀ=25
°Ñ, V
I=0V?VCC
pF
CPD
Power Dissipation Capacitance (Per Inverter)
44
* - VCC= (3.3±0.3) V
Used to determine the no-load dynamic power consumption:
PD = CPDVCC
2f
I+ ?(C LVCC
2fo), f
I-input frequency, fo - output frequency (MHz)
?(CLVCC
2fo) – sum of the outputs
Figure 1. Switching Waveforms
Figure 2. Test Circuit
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
V
1
t
P LH
t
HL
t
THL
t
PHL
t
LH
t
TLH
V
1
V = 0.5 V
1
CC
Input À, B
Output Y
GND
GND
V
CC
V
CC
V
1
V
1
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
CC
V
I
V
O
C
L
R
L
R
T
Termination resistance RT -
should be equal to ZOUT pulse
generators


Podobny numer części - IZ74LV00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ74LV02 INTEGRAL-IZ74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IZ74LV04 INTEGRAL-IZ74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IZ74LV08 INTEGRAL-IZ74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
More results

Podobny opis - IZ74LV00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com