Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-4100-TP000 Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części HLMP-4100-TP000
Szczegółowy opis  T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4100-TP000 Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-4100-TP000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4100-TP000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4100-TP000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4100-TP000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4100-TP000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4100-TP000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. dc forward current.
Figure 4. Relative efficiency vs. peak forward current.
Figure 5. Maximum forward dc current vs. ambient temperature
derating based on TJ MAX. = 110°C.
Figure 6. Maximum tolerable peak current vs. peak duration (IPEAK
MAX. determined from temperature derated IDC MAX.).
0
0
WAVELENGTH – nm
700
1.0
0.5
650
600
0
0
VF – FORWARD VOLTAGE – V
3.0
300
2.0
0.5
1.0
1.5
2.5
3.5
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
0
IDC – DC FORWARD CURRENT – mA
30
20
5
10
15
25
1.4
1.2
1.0
0.8
0.6
0.4
0.2
5
0
IPEAK – PEAK FORWARD CURRENT – mA
100
10
20
50
200 300
1.2
1.0
0.8
0.6
0.4
0.2
0
0
TA – AMBIENT TEMPERATURE – °C
90
20
70 80
100 110
40
35
30
25
20
15
10
5
60
50
40
30
10
R
θJ-A = 559°C/W
R
θJ-A = 574°C/W
R
θJ-A = 689°C/W
tp – PULSE DURATION – µs
3
1
10
10
10000
1000
100
1
2
9
8
7
6
5
4


Podobny numer części - HLMP-4100-TP000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
More results

Podobny opis - HLMP-4100-TP000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com