Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-1503-C00EE Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części HLMP-1503-C00EE
Szczegółowy opis  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1503-C00EE Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-1503-C00EE Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1503-C00EE Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Absolute Maximum Ratings at TA = 25°C
Parameter
HER/Orange
Yellow
Green
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Reverse Voltage (IR = 100 µA)
5
5
5
V
Transient Forward Current[4]
500
500
500
mA
(10
µsec Pulse)
LED Junction Temperature
110
110
110
°C
Operating Temperature Range
-55 to +100
-55 to +100
-20 to +100
°C
Storage Temperature Range
-55 to +100
Lead Soldering Temperature
260
°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Notes:
1. See Figure 5 (HER/Orange), 10 (Yellow), or 15 (Green/Emerald Green) to establish pulsed operating conditions.
2. For Red, Orange, and Green series derate linearly from 50
°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C.
3. For Red, Orange, and Green series derate power linearly from 25
°C at 1.8 mW/°C. For Yellow series derate power linearly from 50°C at
1.6 mW/
°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED
die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the
Absolute Maximum Ratings.


Podobny numer części - HLMP-1503-C00EE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-1503 QT-HLMP-1503 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-1503 FAIRCHILD-HLMP-1503 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1503 HP-HLMP-1503 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1503 BOARDCOM-HLMP-1503 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results

Podobny opis - HLMP-1503-C00EE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com