Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD95NH02LT4 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części STD95NH02LT4
Szczegółowy opis  N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95NH02LT4 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button STD95NH02LT4 Datasheet HTML 3Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 4Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 5Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 6Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 7Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 8Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 9Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 10Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
STD95NH02L
High Side Switch (SW1)
Low Side Switch (SW2)
conduction
P
δ
*
I
*
R
2
L
DS(on)SW1
)
1
(
*
I
*
R
2
L
DS(on)SW2
δ
switching
P
g
L
I
I
*
f
*
)
Q
(Q
*
V
gd(SW1)
gsth(SW1)
in
+
Zero Voltage Switching
Recovery
Not Applicable
1
f
*
Q
*
V
rr(SW2)
in
diode
P
Conduction
Not Applicable
f
*
t
*
I
*
V
deadtime
L
f(SW2)
)
gate(Q
G
Pf
*
V
*
Q
gg
g(SW1)
f
*
V
*
Q
gg
gls(SW2)
Qoss
P
2
f
*
Q
*
V
oss(SW1)
in
2
f
*
Q
*
V
oss(SW2)
in
Appendix A: Buck Converter Power Losses Estimation
DESCRIPTION
The power losses associated with the FETs in a
Synchronous Buck converter can be estimated us-
ing the equations shown in the table below. The for-
mulas give a good approximation, for the sake of
performance comparison, of how different pairs of
devices affect the converter efficiency. However a
very important parameter, the working temperature,
is not considered. The real device behavior is really
dependent on how the heat generated inside the de-
vices is removed to allow for a safer working junc-
tion temperature.
The low side (SW2) device requires:
- Very low RDS(on) to reduce conduction losses
-Small Qgls to reduce thegatechargelosses
-Small Coss to reduce losses due to output
capaci tance
-Small Qrr to reduce losses on SW1 during its
turn-on
-The Cgd/Cgs ratio lower than Vth/VGG ratio
especially with low drain to source voltage
to avoid the cross conduction phenomenon
The high side (SW1) device requires:
-Small Rg and Ls to allow higher gate current
peak and to limit the voltage feedback on the gate
-Small Qg to have a faster commutation and
to reduce gate charge losses
-Low RDS(on) to reduce the conduction losses
Parameter
Meaning
δ
Duty-Cycle
Qgsth
Post Threshold Gate Charge
Qgls
Third Quadrant Gate Charge
Pconduction
On State Losses
Pswitching
On-off Transition Losses
Pdiode
Conduction and Reverse Recovery Diode Losses
Pdiode
Gate Drive Losses
PQoss
Output Capacitance Losses


Podobny numer części - STD95NH02LT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD95NH02LT4 STMICROELECTRONICS-STD95NH02LT4 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
logo
VBsemi Electronics Co.,...
STD95NH02LT4 VBSEMI-STD95NH02LT4 Datasheet
903Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
More results

Podobny opis - STD95NH02LT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
   N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
   N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
   N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
   N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET??POWER MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
   N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com