Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD95NH02LT4 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części STD95NH02LT4
Szczegółowy opis  N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95NH02LT4 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button STD95NH02LT4 Datasheet HTML 3Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 4Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 5Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 6Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 7Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 8Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 9Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 10Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STD95NH02L
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
All other names are the property of their respective owners
© 2004 STMicroelectronics - All Rights Reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America


Podobny numer części - STD95NH02LT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD95NH02LT4 STMICROELECTRONICS-STD95NH02LT4 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
logo
VBsemi Electronics Co.,...
STD95NH02LT4 VBSEMI-STD95NH02LT4 Datasheet
903Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
More results

Podobny opis - STD95NH02LT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
   N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
   N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
   N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
   N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET??POWER MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
   N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com