Zakładka z wyszukiwarką danych komponentów |
|
LM317D2TR4G Arkusz danych(PDF) 5 Page - ON Semiconductor |
|
LM317D2TR4G Arkusz danych(HTML) 5 Page - ON Semiconductor |
5 / 12 page LM317, NCV317 http://onsemi.com 5 Figure 7. Load Regulation Figure 8. Current Limit Figure 9. Adjustment Pin Current Figure 10. Dropout Voltage Figure 11. Temperature Stability Figure 12. Minimum Operating Current Vin = 15 V Vout = 10 V 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 4.0 3.0 2.0 1.0 0 70 65 60 55 50 45 40 35 3.0 2.5 2.0 1.5 1.0 1.26 1.25 1.24 1.23 1.22 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 −50 −25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (°C) 0 102030 40 Vin−Vout, INPUT−OUTPUT VOLTAGE DIFFERENTIAL (Vdc) −50 −25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (°C) −50 −25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (°C) −50 −25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (°C) 0 10 203040 Vin−Vout, INPUT−OUTPUT VOLTAGE DIFFERENTIAL (Vdc) 1.0 A +150 °C IL = 0.5 A IL = 1.5 A −55 °C 150 °C TJ = 25°C DVout = 100 mV IL = 1.5 A 500 mA 200 mA 20 mA +25 °C TJ = −55°C |
Podobny numer części - LM317D2TR4G |
|
Podobny opis - LM317D2TR4G |