Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC1509 Arkusz danych(PDF) 3 Page - Panasonic Semiconductor

Numer części 2SC1509
Szczegółowy opis  Silicon NPN epitaxial planer type(For low-frequency driver amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1509 Arkusz danych(HTML) 3 Page - Panasonic Semiconductor

  2SC1509 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1509 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1509 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SC1509
ICEO — Ta
Area of safe operation (ASO)
0
140
60
20
80
120
40
100
1
10
102
103
105
104
V
CE=10V
Ambient temperature Ta (˚C)
0.1
1
10
100
0.3
3
30
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
Single pulse
Ta=25˚C
t=10ms
t=1s
DC
I
CP
I
C
Collector to emitter voltage V
CE
(V)


Podobny numer części - 2SC1509

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
2SC1509 NJSEMI-2SC1509 Datasheet
86Kb / 1P
   Silicon NPN epitaxial planer type
More results

Podobny opis - 2SC1509

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC1318A PANASONIC-2SC1318A Datasheet
45Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD968 PANASONIC-2SD968 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC3939 PANASONIC-2SC3939 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC4208 PANASONIC-2SC4208 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com