Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML3406N15MRG Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części ML3406N15MRG
Szczegółowy opis  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406N15MRG Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML3406N15MRG Datasheet HTML 2Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 3Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 9Page - List of Unclassifed Manufacturers ML3406N15MRG Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 / 12
Rev. E, Sep 2005
ML3406
Application Information (1)
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1µH to 4.7µH. Its value is chosen based on
the desired ripple current. Large value inductors lower
ripple current and small value inductors result in higher
ripple currents. Higher VIN or VOUT also increases the ripple
current as shown in equation 1. A reasonable starting point
for setting ripple current is
IL=240mA (40% of 600mA)
1
VOUT
IL =
(f) (L)
VOUT
( 1-
VIN
)
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 720mA rated
inductor
should
be
enough
for
most
applications
(600mA+120mA). For better efficiency, choose a low
DC-resistance inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
200mA. Lower inductor values (higher
IL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
Output
Voltage
Programming
(ML3406
Only)
In the adjustable version, the output voltage is set by a
resistive divider according to the following formula:
R2
vOUT = 0.6V ( 1+
R1
)
(2)
The external resistive divider is connected to the output,
allowing remote voltage sensing as shown in Figure 5.
Figure 5
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle Vout / Vin. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum RMS
capacitor current is given by:
CIN required
[ VOUT (VIN-VOUT) ]
1/2
IRMS = IOMAX
VIN
This formula has a maximum at VIN = 2VOUT, where IRMS =
IOUT / 2. This simple worst-case condition is commonly used
for design because even significant deviations do not offer
much relief. Note that the capacitor manufacturer’s ripple
current ratings are often based on 2000 hours of life. This
makes it advisable to further derate the capacitor, or
choose a capacitor rated at a higher temperature than
required. Always consult the manufacturer if there is any
question.
The selection of COUT is driven by the required effective
series resistance (ESR).
Typically, once the ESR requirement for COUT has been
met, the RMS current rating generally far exceeds the
IRIPPLE(P-P) requirement. The output ripple
VOUT is
determined by:
1
VOUT =
IL ( ESR+
8f COUT
)
Where f=operating frequency, COUT =output capacitance
and
IL=ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since
IL increases with input voltage.
Aluminum electrolytic and dry tantalum capacitors are both
available in surface mount configurations. In the case of
tantalum, it is critical that the capacitors are surge tested
for use in switching power supplies. An excellent choice is
the AVX TPS series of surface mount tantalum. These are
specially constructed and tested for low ESR so they give
the lowest ESR for a given volume. Other capacitor types
include Sanyo POSCAP, Kemet T510 and T495 series, and
Sprague 593D and 595D series. Consult the manufacturer
for other specific recommendations.
ML3406


Podobny numer części - ML3406N15MRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Podobny opis - ML3406N15MRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com