Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA-401ED Arkusz danych(PDF) 1 Page - Rohm

Numer części LA-401ED
Szczegółowy opis  Single Digit LED Numeric Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LA-401ED Arkusz danych(HTML) 1 Page - Rohm

  LA-401ED Datasheet HTML 1Page - Rohm LA-401ED Datasheet HTML 2Page - Rohm LA-401ED Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LA-401 D / N Series
LED displays
Rev.B
1/2
Single Digit LED Numeric Display
LA-401 D / N Series
LA-401 D / N series is developed because of the
demand for small single digit LED Numeric Display.
Materials of emission are GaAsP on GaP, AlGalnP GaP
and GaN. This is the height of a letter 10.16mm, single
digit LED Numeric Display that is packed by EPOXY
resin.
Features
1) The height of a letter is 10.16mm.
2) Dimension is 9.6
×13.0×7.0mm.
3) The package of surface color is black. Color of
segment is colored in emitting color. (Blue color is only
milky white)
4) Each color has anode common and cathode common
respectively.
External dimensions (Unit : mm)
10˚
φ1.0
0.25
(7.62)
5.57
9.6
1.0
Tolerance are
±0.2 unless otherwise noted:
Selection guide
Anode
Cathode
Emitting color
Common
Red
LA-401VD
LA-401VN
Red
High brightness
LA-401AD
LA-401AN
Orange
High brightness
LA-401ED
LA-401EN
Yellow
High brightness
LA-401XD
LA-401XN
Green
LA-401MD
LA-401MN
Blue
LA-401BD
LA-401BN
Pin assignments
Pin No.
1
+
2
+
3
+
4
+
5
10
9
8
7
6
+
+
+
+
+
+
a
g
d
f
b
ec
D.P
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Common
Segment "f"
Segment "g"
Segment "e"
Segment "d"
Common
D.P
Segment "c"
Segment "b"
Segment "a"
Equivalent circuit (anode common)
(cathode common)
COM
1,6
a
10
b
9
c
8
d
5
e
4
f
2
g
3
D.P
7
COM
1,6
a
10
b
9
c
8
d
5
e
4
f
2
g
3
D.P
7


Podobny numer części - LA-401ED

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LA-401ED ROHM-LA-401ED Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
More results

Podobny opis - LA-401ED

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL_08 Datasheet
95Kb / 5P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com