Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM1800-434MB Arkusz danych(PDF) 3 Page - RF Monolithics, Inc

Numer części DM1800-434MB
Szczegółowy opis  433.92 MHz Transceiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFM [RF Monolithics, Inc]
Strona internetowa  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DM1800-434MB Arkusz danych(HTML) 3 Page - RF Monolithics, Inc

  DM1800-434MB Datasheet HTML 1Page - RF Monolithics, Inc DM1800-434MB Datasheet HTML 2Page - RF Monolithics, Inc DM1800-434MB Datasheet HTML 3Page - RF Monolithics, Inc DM1800-434MB Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pin
Name
Description
J1-1
GND
This pad is a signal and power supply ground.
J1-2
VIN
This is the power supply input pad. The allowed input voltage range is 2.6 to 14 V.
J1-3
VOUT
VOUT tracks 50 to 100 mV below VIN when VIN is in the range of 2.6 to 3.1 V. When VIN is in the range of 3.1
to 14 V, VOUT is regulated at 3.0 Vdc. Up to 10 mA can be supplied from this pad for powering external circuits
such as thermistor-resistor networks. External circuitry must not impress more than 10 mVp-p ripple on the regu-
lated output voltage.
J1-4
BIND
This pad is connected to a logic input on the microcontroller, and is configured with a weak pull-up. When this pin
is momentarily grounded (to J1-1 or J1-10, the module is placed into the bind mode, allowing this module to be
associated with other modules to form a network.
J1-5
DIGITAL IN
This pad is connected to a logic input on the microcontroller, and is configured with a weak pull-up, allowing
both logic signals and contact closures referenced to J-1 or J-10 to be read. The value of this input is sent over
the RF channel as a response to an RF command. The input voltage range on this pad is 0 to VOUT. Applying
a voltage outside of this range may damage the module.
J1-6
ANALOG IN
This pad in the input to the microcontroller’s 10-bit analog-to-digital (ADC) converter. The ADC input range is 0
to VOUT, referenced to J1-1 or J1-10. The input voltage range on this pad is 0 to VOUT. Applying a voltage
outside of this range may damage the module. The ADC reading is sent over the RF channel as a response to
an RF command.
J1-7
DIGITAL OUT
This pad is connected to a logic output on the microcontroller through a 1 kilohm resistor, which provides
short-circuit protection. The value of this output is set or read over the RF channel as a response to an RF com-
mand.
J1-8
SERIAL RX
This pad is connected to the module’s serial data input (USART). Data to this pin is received at 9.6 kb/s, using
8 data bits, no parity, and one stop bit. The input voltage range on this pad is 0 to VOUT. Applying a voltage
outside of this range may damage the module.
J1-9
SERIAL TX
This pad is connected to the module’s serial data output (USART) through a 1 kilohm resistor, which provides
short-circuit protection. Data from this pad is sent at 9.6 kb/s, using 8 data bits, no parity, and one stop bit.
J1-10
GND
This pad is a signal and power supply ground.
J2-1
GND
This pad is a ground for the antenna port.
J2-2
ANT
This pad is the antenna port.
J2-3
GND
This pad is a ground for the antenna port.
3
DM1800-434MB I/O Pad Descriptions


Podobny numer części - DM1800-434MB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
   433.92 MHz Transceiver Module
DM1800-434MR RFM-DM1800-434MR Datasheet
339Kb / 4P
   433.92 MHz Transceiver Module
More results

Podobny opis - DM1800-434MB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
DR7000 MURATA-DR7000 Datasheet
400Kb / 7P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
   433.92 MHz Transceiver Module
DR3100-1 RFM-DR3100-1 Datasheet
206Kb / 5P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3100 MURATA-DR3100 Datasheet
433Kb / 5P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3100 RFM-DR3100 Datasheet
208Kb / 5P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3100-1 MURATA-DR3100-1 Datasheet
432Kb / 5P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DM1800-434MR RFM-DM1800-434MR Datasheet
339Kb / 4P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR7000-EV MURATA-DR7000-EV Datasheet
202Kb / 8P
   433.92 MHz Transceiver Evaluation Module
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
   433.92 MHz Hybrid Transceiver
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com