Zakładka z wyszukiwarką danych komponentów |
|
TL051CP Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
TL051CP Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 63 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL052I and TL052AI electrical characteristics at specified free-air temperature TL052I, TL052AI PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX TL052I 25 °C 0.73 3.5 0.65 1.5 VIO Input offset voltage TL052I Full range 5.3 3.3 mV VIO Input offset voltage V0 TL052AI 25 °C 0.51 2.8 0.4 0.8 mV VO = 0, VIC = 0, TL052AI Full range 4.6 2.6 a Tt ffi i t‡ VIC = 0, RS = 50 Ω TL052I 25 °C to 85 °C 7 6 µV/°C a V IO Temperature coefficient‡ TL052AI 25 °C to 85 °C 6 6 25 µV/°C Input offset-voltage long-term drift§ VO = 0, RS = 50 Ω VIC = 0, 25 °C 0.04 0.04 µV/mo IIO Input offset current VO = 0, VIC = 0, 25 °C 4 100 5 100 pA IIO Input offset current O , See Figure 5 IC , 85 °C 0.06 10 0.07 10 nA IIB Input bias current VO = 0, VIC = 0, 25 °C 20 200 30 200 pA IIB Input bias current O , See Figure 5 IC , 85 °C 0.6 20 0.7 20 nA VICR Common-mode input 25 °C –1 to 4 –2.3 to 5.6 –11 to 11 –12.3 to 15.6 V VICR voltage range Full range –1 to 4 –11 to 11 V RL =10kΩ 25 °C 3 4.2 13 13.9 VOM Maximum positive peak RL = 10 kΩ Full range 3 13 V VOM+ output voltage swing RL =2kΩ 25 °C 2.5 3.8 11.5 12.7 V RL = 2 kΩ Full range 2.5 11.5 RL =10kΩ 25 °C –2.5 –3.5 –12 –13.2 VOM Maximum negative peak RL = 10 kΩ Full range –2.5 –12 V VOM– g output voltage swing RL =2kΩ 25 °C –2.3 –3.2 –11 –12 V RL = 2 kΩ Full range –2.3 –11 L i l diff ti l 25 °C 25 59 50 105 AVD Large-signal differential voltage amplification¶ RL = 2 kΩ –40 °C 30 74 60 145 V/mV voltage am lification¶ 85 °C 20 43 30 76 ri Input resistance 25 °C 1012 1012 Ω ci Input capacitance 25 °C 10 12 pF Common mode V V min 25 °C 65 85 75 93 CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS = 50 Ω –40 °C 65 83 75 90 dB rejection ratio VO = 0, 85 °C 65 84 75 93 † Full range is –40 °C to 85°C. ‡ This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters § Typical values are based on the input offset-voltage shift observed through 168 hours of operating life test at TA = 150°C, extrapolated to TA = 25°C using the Arrhenius equation, and assuming an activation energy of 0.96 eV. ¶ At VCC± = ±5 V, VO = ±2.3 V; at VCC± = ±15 V, VO = ±10 V. |
Podobny numer części - TL051CP |
|
Podobny opis - TL051CP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |