Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1263A Arkusz danych(PDF) 2 Page - Panasonic Semiconductor

Numer części 2SD1263A
Szczegółowy opis  Silicon NPN triple diffusion planar type(For power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1263A Arkusz danych(HTML) 2 Page - Panasonic Semiconductor

  2SD1263A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1263A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SD1263, 2SD1263A
PC —Ta
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
fT —IC
Area of safe operation (ASO)
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
(1)
(2)
(3)
(4)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
I
B=14mA
12mA
10mA
2mA
4mA
6mA
8mA
T
C=25˚C
Collector to emitter voltage V
CE
(V)
02.4
2.0
1.6
0.4
1.2
0.8
0
4.0
3.2
2.4
1.6
0.8
T
C=100˚C
25˚C
–25˚C
V
CE=10V
Base to emitter voltage V
BE
(V)
0.01
3
1
0.1
0.03
0.3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=10
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=10V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.001
0.01
0.1
1
0.003
0.03
0.3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=1ms
10ms
DC
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1)
(2)
(1) Without heat sink
(2) With a 100
× 100 × 2mm Al heat sink
Time t (s)


Podobny numer części - 2SD1263A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SD1263A ISC-2SD1263A Datasheet
103Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1263A SAVANTIC-2SD1263A Datasheet
134Kb / 4P
   Silicon NPN Power Transistors
2SD1263A SAVANTIC-2SD1263A Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD1263A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1480 PANASONIC-2SD1480 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2374 PANASONIC-2SD2374 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1253 PANASONIC-2SD1253 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com