Zakładka z wyszukiwarką danych komponentów |
|
ADM1073 Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADM1073 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 24 page ADM1073 Rev. 0| Page 6 of 24 ABSOLUTE MAXIMUM RATINGS All voltages referred to VEE, TA = 25°C, unless otherwise noted. Table 2. Parameter Rating Supply Voltage (VDD − VEE) −0.3 V to −200.0 V Maximum Shunt Supply Voltage, VSS 16 V SENSE Pin −2 V to +2 V GATE Pin −0.3 V to +16 V UV Pin −0.3 V to +6 V OV Pin −0.3 V to +6 V SS Pin −0.3 V to +6 V TIMER Pin −0.3 V to +6 V DRAIN Pin −0.3 V to +6 V SHDN Pin −0.3 V to +16 V SPLYGD Pin −0.3 V to +16 V LATCHED Pin −0.3 V to +16 V PWRGD Pin −0.3 V to +16 V RESTART Pin −0.3 V to +16 V Maximum Junction Temperature 125°C Operating Temperature Range −40°C to +85°C Continuous Power Dissipation 180 mW Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering, 10 s) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL CHARACTERISTICS 14-lead TSSOP Package: θJA = 240°C/W θJC = 43°C/W ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - ADM1073 |
|
Podobny opis - ADM1073 |