Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1073ARU Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM1073ARU
Szczegółowy opis  Full-Feature ??8 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1073ARU Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM1073ARU Datasheet HTML 7Page - Analog Devices ADM1073ARU Datasheet HTML 8Page - Analog Devices ADM1073ARU Datasheet HTML 9Page - Analog Devices ADM1073ARU Datasheet HTML 10Page - Analog Devices ADM1073ARU Datasheet HTML 11Page - Analog Devices ADM1073ARU Datasheet HTML 12Page - Analog Devices ADM1073ARU Datasheet HTML 13Page - Analog Devices ADM1073ARU Datasheet HTML 14Page - Analog Devices ADM1073ARU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADM1073
Rev. 0 | Page 11 of 24
TEMPERATURE (°C)
85
–50
–35
–20
–51025
405570
80
85
90
120
105
110
115
95
100
VFCL
VACL
VCB
Figure 21. Voltage Limits for Load Current Control vs. Temperature
TEMPERATURE (°C)
85
–50
–35
–20
–51025
405570
0
0.5
3.0
2.0
2.5
1.0
1.5
VTMR (LOW)
VTMR (HIGH)
Figure 22. High and Low TIMER Thresholds vs. Temperature
TEMPERATURE (°C)
85
–50
–35
–20
–5102540
5570
0
2
4
20
12
14
16
18
6
8
10
Figure 23. Maximum Current Limit On-Time vs. Temperature
(IDRAIN = 4 µA, CTIMER = 47 nF)
CTIMER (nF)
100
030
20
10
40
50
60
70
80
90
1.0nF
4.7nF
10.0nF
22.0nF
33.0nF
47.0nF
68.0nF
82.0nF
100.0nF
0
12
10
8
6
4
2
14
Figure 24. Current Limit On-Time vs. CTIMER (1 nF − 100 nF)
TEMPERATURE (°C)
85
–50
–35
–20
–51025
405570
0
10
9
8
7
6
5
4
3
2
1
Figure 25. Current Limit PWM vs. Temperature
RTIMER (MΩ)
10
01
23456789
0
5
10
50
30
35
40
45
15
20
25
Figure 26. Current Limit PWM vs. RTIMER


Podobny numer części - ADM1073ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL AD-ADM1073ARUZ-REEL Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL AD-ADM1073ARUZ-REEL Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL7 AD-ADM1073ARUZ-REEL7 Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
More results

Podobny opis - ADM1073ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com