Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BULD1101ET4 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części BULD1101ET4
Szczegółowy opis  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULD1101ET4 Arkusz danych(HTML) 2 Page - STMicroelectronics

  BULD1101ET4 Datasheet HTML 1Page - STMicroelectronics BULD1101ET4 Datasheet HTML 2Page - STMicroelectronics BULD1101ET4 Datasheet HTML 3Page - STMicroelectronics BULD1101ET4 Datasheet HTML 4Page - STMicroelectronics BULD1101ET4 Datasheet HTML 5Page - STMicroelectronics BULD1101ET4 Datasheet HTML 6Page - STMicroelectronics BULD1101ET4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-ambient
Max
3.57
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 1100 V
100
µA
V(BR)EBO
Emitter-BaseBreakdown
Voltage (IC = 0)
IE = 1 mA
12
24
V
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
450
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 1 A IB = 200 mA
IC = 1 A IB = 200 mA
Tj = 125
oC
0.25
0.6
1
1.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 1 A
IB = 200 mA
1.5
V
hFE
DC Current Gain
IC = 250 mA
VCE = 5 V
IC = 250 mA
VCE = 5 V Tj = 125
oC
IC = 2 A
VCE = 5 V
IC = 2 A
VCE = 5 V
Tj = 125
oC
20
23
6
4
38
44
10
7
80
85
18
16
ts
tf
RESISTIVE LOAD
Storage Time
Fall Time
IC = 2.5 A
VCC = 125 V
VBB(off) = -5 V
tP = 300
µs
IB1 = -IB2 = 0.5 A
(see figure 1)
400
2
700
µs
ns
Ear
Repetitive Avalanche
Energy
L = 2 mH
C = 1.8 nF
IBR
≤ 2.5A
(see figure 2)
6mJ
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BULD1101ET4
2/7


Podobny numer części - BULD1101ET4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BULD1101ET4 STMICROELECTRONICS-BULD1101ET4 Datasheet
268Kb / 11P
   High voltage fast-switching NPN Power Transistor
More results

Podobny opis - BULD1101ET4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com