Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3101D2RGZRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPA3101D2RGZRG4
Szczegółowy opis  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3101D2RGZRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA3101D2RGZRG4 Datasheet HTML 7Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 8Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 9Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 10Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 11Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 12Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 13Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 14Page - Texas Instruments TPA3101D2RGZRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
RL = 8 W
Gain = 20 dB
VCC = 24 V
V
= 18 V
CC
VCC = 12 V
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14 15
RL = 4 Ω
Gain = 32 dB
VCC = 12 V
PO − Total Output Power − W
0
0.5
1
1.5
2
2.5
0
10
20
30
40
RL = 8 Ω
Gain = 32 dB
VCC = 24 V
VCC = 12 V
VCC = 18 V
Power Beyond 10 W
May Require More
Heatsinking.
PO − Total Output Power − W
0
0.5
1
1.5
2
2.5
0
10
20
30
40
RL = 4 Ω
Gain = 32 dB
VCC = 12 V
Power Beyond 10 W
May Require More
Heatsinking.
TPA3101D2
SLOS473 – DECEMBER 2005
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 15.
Figure 16.
11


Podobny numer części - TPA3101D2RGZRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3101D2RGZRG4 TI-TPA3101D2RGZRG4 Datasheet
3Mb / 38P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3101D2RGZRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com