Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX16373DT Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części 74VCX16373DT
Szczegółowy opis  Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16373DT Arkusz danych(HTML) 4 Page - ON Semiconductor

  74VCX16373DT Datasheet HTML 1Page - ON Semiconductor 74VCX16373DT Datasheet HTML 2Page - ON Semiconductor 74VCX16373DT Datasheet HTML 3Page - ON Semiconductor 74VCX16373DT Datasheet HTML 4Page - ON Semiconductor 74VCX16373DT Datasheet HTML 5Page - ON Semiconductor 74VCX16373DT Datasheet HTML 6Page - ON Semiconductor 74VCX16373DT Datasheet HTML 7Page - ON Semiconductor 74VCX16373DT Datasheet HTML 8Page - ON Semiconductor 74VCX16373DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74VCX16373
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage
(Note 2)
1.65 V
≤ VCC < 2.3 V
0.65 x VCC
V
(Note 2)
2.3 V
≤ VCC ≤ 2.7 V
1.6
2.7 V < VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 2)
1.65 V
≤ VCC < 2.3 V
0.35 x VCC
V
2.3 V
≤ VCC ≤ 2.7 V
0.7
2.7 V < VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
1.65 V
≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 1.65 V; IOH = −6 mA
1.25
VCC = 2.3 V; IOH = −6 mA
2.0
VCC = 2.3 V; IOH = −12 mA
1.8
VCC = 2.3 V; IOH = −18 mA
1.7
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
1.65 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 1.65 V; IOL = 6 mA
0.3
VCC = 2.3 V; IOL = 12 mA
0.4
VCC = 2.3 V; IOL = 18 mA
0.6
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 18 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
1.65 V
≤ VCC ≤ 3.6 V; 0 V ≤ VI ≤ 3.6 V
±5.0
mA
IOZ
3−State Output Current
1.65 V
≤ VCC ≤ 3.6 V; 0 V ≤ VO ≤ 3.6 V;
VI = VIH or VIL
±10
mA
IOFF
Power−Off Leakage Current
VCC = 0 V; VI or VO = 3.6 V
10
mA
ICC
Quiescent Supply Current
(Note 3)
1.65 V
≤ VCC ≤ 3.6 V; VI = GND or VCC
20
mA
(Note 3)
1.65 V
≤ VCC ≤ 3.6 V; 3.6 V ≤ VI, VO ≤ 3.6 V
±20
mA
DICC
Increase in ICC per Input
2.7 V < VCC ≤ 3.6 V; VIH = VCC − 0.6 V
750
mA
2. These values of VI are used to test DC electrical characteristics only.
3. Outputs disabled or 3−state only.


Podobny numer części - 74VCX16373DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16373DT ONSEMI-74VCX16373DT Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCX16373DTR ONSEMI-74VCX16373DTR Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

Podobny opis - 74VCX16373DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com