Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF147J Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części LF147J
Szczegółowy opis  WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF147J Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  LF147J Datasheet HTML 1Page - National Semiconductor (TI) LF147J Datasheet HTML 2Page - National Semiconductor (TI) LF147J Datasheet HTML 3Page - National Semiconductor (TI) LF147J Datasheet HTML 4Page - National Semiconductor (TI) LF147J Datasheet HTML 5Page - National Semiconductor (TI) LF147J Datasheet HTML 6Page - National Semiconductor (TI) LF147J Datasheet HTML 7Page - National Semiconductor (TI) LF147J Datasheet HTML 8Page - National Semiconductor (TI) LF147J Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MICROCIRCUIT DATA SHEET
MNLF147-X REV 0A2
(Absolute Maximum Ratings)
Supply Voltage
+22V
Differential Input Voltage
+38V
Input Voltage Range
(Note 1)
+19V
Output Short Circuit Duration
(Note 2)
Continuous
Power Dissipation
(Note 3, 4)
900mW
Tj Max
150 C
ThetaJa
70 C/W
Ceramic DIP (J) Package
Operating Temperature Range
-55 C < Ta < 125 C
Storage Temperature Range
-65 C < Ta < 150 C
Lead Temperature
260 C
(Soldering, 10 seconds)
Soldering Information
260 C
Dual-In-Line Package (Soldering, 10 seconds)
ESD Tolerance
(Note 5)
900V
Note 1:
Unless otherwise specified the absolute maximum negative input voltage is equal to
the negative power supply voltage.
Note 2:
Any of the amplifier outputs can be shorted to ground indefinately, however, more
than one should not be simultaneously shorted as the maximum junction temperature
will be exceeded.
Note 3:
For operating at elevated temperature, these devices must be derated based on a
thermal resistance of ThetaJa.
Note 4:
Max. Power Dissipation is defined by the package characteristics. Operating the part
near the Max. Power Dissipation may cause the part to operate outside guaranteed
limits.
Note 5:
Human body model, 1.5K Ohms in series with 100pF.
3


Podobny numer części - LF147J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LF147J NSC-LF147J Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF147J TI1-LF147J Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J TI1-LF147J Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J-SMD TI1-LF147J-SMD Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF147J/883 NSC-LF147J/883 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
More results

Podobny opis - LF147J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
   WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com